Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDX-HJS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDX-HJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-HJS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDX-HJS Datasheet HTML 1Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 2Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 3Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 4Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 5Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 6Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 7Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 8Page - DOMINANT Semiconductors DDX-HJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
18/06/2012 V6.0
5
InGaN : DDx-HJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
1
Ng WL
From:
Tan EW [eng-wah.tan@dominant-semi.com]
Sent:
Sunday, June 17, 2012 2:58 PM
To:
ying-pok.sam@dominant-semi.com; wei-leng.ng@dominant-semi.com
Cc:
'EricToh'; kok-chun.lee@dominant-semi.com
Subject:
RE: Info on DDT-HJS-V2W-1 --- Additional info requested... Min. Current requirement??? ---
WL,
Please add the graph below into DDT-HJS datasheet.
Response :
1) A Graph showing the maximum Current rating vs. Duty Cycle. I do not see a graph in the datasheet. Can you
provide this information?
As graph attached
2) The minimum amount of current that is required to turn-on the LED ?
>1mA in order to ensure brightness homogeneity
Best Regards
Tan
From: Sam Ying Pok [mailto:ying-pok.sam@dominant-semi.com]
Sent: Friday, June 15, 2012 6:44 PM
To: eng-wah.tan@dominant-semi.com
Subject: FW: Info on DDT-HJS-V2W-1 --- Additional info requested... Min. Current requirement??? ---
Hi Tan,
Please advice. Thanks.
Allowable Forward Current Vs Duty Ratio
(Tj=25 Deg C, tp<10uS)
Duty Ratio %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com