Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC714M Datasheet(PDF) 2 Page - AUK corp

Part # SPC714M
Description  Mini Flat Photo Coupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SPC714M Datasheet(HTML) 2 Page - AUK corp

  SPC714M Datasheet HTML 1Page - AUK corp SPC714M Datasheet HTML 2Page - AUK corp SPC714M Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPC-0002-000
2
SPC714M
Absolute maximum ratings
(Ta=25)
Characteristic
Symbol
Ratings
Unit
Continuous Forward Current
I
F
±
50
mA
IRED
Power Dissipation
P
D
70
mW
Collector-Emitter Voltage
V
CEO
35
V
Emitter-Collector Voltage
V
ECO
6
V
Collector Current
I
C
50
mA
Detector
Power Dissipation
P
D
150
mW
Operating Temperature
T
opr
-30~100
℃
Storage Temperature
T
stg
-55~125
℃
Soldering Temperature
T
sol
260℃ within 10 seconds
Coupler
*1Isolation Voltage
V
iso
3,750
V
rms
*1.Measured at RH = 40 ~60% for 1 min
Electrical Characteristics
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Current
V
F
I
F=10mA
-
1.15
1.3
V
IRED
Capacitance
C
T
V=0V,f=1MHz
-
30
-
pF
Collector-Emitter Breakdown Voltage
BV
CEO
I
C=0.5mA
35
-
-
V
Emitter-Collector Breakdown Voltage
BV
ECO
I
E=10uA
6
-
-
V
Collector Dark Current
I
CEO
I
F=0mA,VCE=10V
-
-
100
nA
Detector
Capacitance
C
CE
V
CE=0,f=1MHz
-
10
-
pF
Current Transfer Ratio
CTR
I
F=5mA,VCE=5V
100
-
600
%
Collector-Emitter Saturation Voltage
V
CE(sat)
I
F=5mA,IC =1mA
-
0.15
0.4
V
Coupler
Input-Output Capacitance
C
I-O
V=0V,f=1MHz
-
0.8
-
pF
Rise Time
t
r
-
4
-
Switching Time
Fall Time
t
f
V
CC=5V,RL =100Ω
I
C=2mA
-
4
-
usec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com