Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8701 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8701
Description  DVD Player Clock Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8701 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8701 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8701 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SM8701BM
NIPPON PRECISION CIRCUITS—7
Serial Interface AC Characteristics
External clock, Ta = −40 to 85 °C, VDD = VDDP = 4.5 to 5.5 V, VDDO = VDD3 = 2.7 to 3.6 V unless otherwise
stated
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
MCK HIGH-level pulsewidth
tMCWH
40
–
–
ns
MCK LO W -level pulsewidth
tMCWL
40
–
–
ns
MCK pulse cycle time
tMCY
100
–
–
ns
MDT setup time
tMDS
40
–
–
ns
MDT hold time
tMDH
40
–
–
ns
MLEN setup time1
1. Time from the MLEN falling edge to the next MCK rising edge. If the MCK clock stops after the LSB, the MLEN rise timing is optional.
tMLS
40
–
–
ns
MLEN hold time2
2. Time from MCK r ising edge corresponding to the LSB to the MLEN rising edge.
tMLH
40
–
–
ns
MLEN HIGH-level pulsewidth
tMHH
200
–
–
ns
MLEN LO W -level pulsewidth
tMLL
16
× t
MCY
––
ns
1.4V
MLEN
tMLS
1.4V
tMCWL
tMCWH
tMCY
MCK
MDT
MSB
LSB
tMDH
tMDS
tMLH
tMLS
tMHH
tMLL
1.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com