Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJEC2415VM1WS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJEC2415VM1WS
Description  Bidirectional ESD protection of one line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC2415VM1WS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJEC2415VM1WS Datasheet HTML 1Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 2Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 3Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 4Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 5Page - Pan Jit International Inc. PJEC2415VM1WS Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PPJEC2415VM1WS
July 21,2015-REV.00
Page 2
Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNITS
Reverse Stand-Off Voltage (24V)
VRWM
-
-
-
24
V
Reverse Stand-Off Voltage (15V)
-
-
-
15
V
Reverse Breakdown Voltage (24V)
VBR
IBR=5mA
25.4
-
30.3
V
Reverse Breakdown Voltage (15V)
17.1
-
20.3
V
Reverse Leakage Current (24V)
IR
VR=24V
-
1
50
nA
Reverse Leakage Current (15V)
VR=15V
-
1
50
Clamping Voltage (24V)
VCL
IPP=1A, tP=8/20s
-
-
40
V
IPP=3A, tP=8/20s
-
-
50
Clamping Voltage (15V)
IPP=1A, tP=8/20s
-
-
25
IPP=5A, tP=8/20s
-
-
35
Off State Junction Capacitance
CJ
0Vdc Bias f=1MHz
-
13
17
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com