Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSZB-LSG-PCN Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DSZB-LSG-PCN
Description  High brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DSZB-LSG-PCN Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DSZB-LSG-PCN Datasheet HTML 1Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 2Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 3Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 4Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 5Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 6Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 7Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 8Page - DOMINANT Semiconductors DSZB-LSG-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
30/08/2013 V2.0
3
InGaN : DSZB-LSG
Vr @ Ir = 10uA
DOMINANT
Opto Technologies
Innovating Illumination
TM
Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Color Bin Structure
Bin
3J
3K
3L
4J
4K
4L
5J
5K
5L
6J
6K
6L
0.1862
0.2437
0.1774
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.1881
0.2273
0.1823
0.2280
0.1735
0.2289
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.1823
0.2280
0.1735
0.2289
0.1676
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1921
0.2431
0.1862
0.2437
0.1774
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920
06/05/2013 V1.0
3
InGaN : DSZB-LSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.16
0.18
0.20
0.22
3J
4J
5J
6J
7J
8J
3K
4K
5K
6K
7K
8K
3L
4L
5L
6L
7L
8L
Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
Color Bin Structure
Bin
3J
3K
3L
4J
4K
4L
5J
5K
5L
6J
6K
6L
0.1862
0.2437
0.1774
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1980
0.2910
0.1893
0.2920
0.1830
0.2930
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
1
2
3
4
0.1881
0.2273
0.1823
0.2280
0.1735
0.2289
0.1921
0.2431
0.1862
0.2437
0.1775
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.1823
0.2280
0.1735
0.2289
0.1676
0.2296
0.1862
0.2437
0.1775
0.2447
0.1716
0.2454
0.1902
0.2595
0.1814
0.2605
0.1756
0.2611
0.1941
0.2753
0.1853
0.2762
0.1795
0.2769
0.1921
0.2431
0.1862
0.2437
0.1774
0.2447
0.1960
0.2588
0.1902
0.2595
0.1814
0.2605
0.2000
0.2746
0.1941
0.2753
0.1853
0.2762
0.2039
0.2904
0.1980
0.2910
0.1893
0.2920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com