Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP0915ADN Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # PP0915ADN
Description  Dual input - AC & PV with single input option
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

PP0915ADN Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  PP0915ADN Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
Domestic Back-up Power System adopts large format
Lithium Iron-Phosphate cells to provide 1.7kWh of energies
for use in form of AC and DC power.
APPLICATION
Home, office, factory, building and others (indoor uses) ;
Lighting, camping, firefighting, emergency rescue, military,
police, vendor, solar generator and others (outdoor uses)
FEATURES
Dual input - AC & PV with single input option
High efficiency (>90% for both charger and inverter)
Very quiet option (no fan)
Master system control switch and individual output
control switches
Luggage style portability for easy transportation
Long Life (2000 full discharge cycles)
PRODUCT HIGHLIGHT
Output
Voltage/Current:
Selectable Voltages (100V/120V
or 220/240V) & Frequencies
(50Hz/60Hz , 1.5kVA; Dual USB
outlets for 5V@2A DC power
EMBEDED BATTERY TYPE
Embeded battery
ty pe:
Li-ion
CAPACITY
Capacity :
1200mAh
OPERATE TEMPERATURE
C harging 0 (Discharging: -20) ℃~ C harging 40
(Discharging 55) ℃
NET W EIGHT
Net Weight:
17,000 g
DIMENSIONmm
Dimension:
425mm(L) x 235mm(W) x 370mm(H)
PROTECTION
Protection:
Over-charge, Over-discharge, Over-
temperature, Under-temperature, Over-
current, Short-circuit protections
OTHER FUNCTION
Other
F unction:
Rated Energies : 0.9kWh, Dual input
sources- AC (100/120V, 50/60Hz or
220/240V, 50/60Hz) & PV (50-110Vdc)
NOTES
Regulatory*
S-Mark
(* Pending)
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Power Bank / Energy Storage
EMERGY 1000 Series
(PP0915ADN/PP0915EZN)


Similar Part No. - PP0915ADN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP0000 ETC-PP0000 Datasheet
110Kb / 1P
Heatshrink Boot
15/08/11
logo
Pro-Power
PP000001 PROPOWER-PP000001 Datasheet
162Kb / 1P
Straight Heat-Shrink Boot
V1.1 21/06/17
PP000002 PROPOWER-PP000002 Datasheet
162Kb / 1P
Straight Heat-Shrink Boot
V1.1 21/06/17
PP000003 PROPOWER-PP000003 Datasheet
162Kb / 1P
Straight Heat-Shrink Boot
V1.1 21/06/17
PP000004 PROPOWER-PP000004 Datasheet
162Kb / 1P
Straight Heat-Shrink Boot
V1.1 21/06/17
More results

Similar Description - PP0915ADN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
503Kb / 20P
Wide Input Range Dual PWM Controller with DDR Option
April 29, 2010
logo
Solid State Optronic
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
AC Input Dual Optocoupler
logo
Powerbox
FARM1C11 POWERBOX-FARM1C11 Datasheet
385Kb / 1P
AUTORANGING AC INPUT WITH FILTER
logo
Intersil Corporation
ISL6539 INTERSIL-ISL6539 Datasheet
510Kb / 20P
Wide Input Range Dual PWM Controller with DDR Option
logo
List of Unclassifed Man...
CPCIS-6235R ETC2-CPCIS-6235R Datasheet
241Kb / 1P
2U Rackmount Chassis with Dual AC-Input
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
Manual Reset Input Option
logo
FSP TECHNOLOGY INC.
DP1715ADF FSP-DP1715ADF Datasheet
87Kb / 1P
Dual input - AC & PV with single input option
DP2615ADN FSP-DP2615ADN Datasheet
87Kb / 1P
Dual input - AC & PV with single input option
logo
Silicon Laboratories
SI8751 SILABS-SI8751 Datasheet
577Kb / 27P
Digital CMOS input option
logo
Renesas Technology Corp
ISL6539 RENESAS-ISL6539 Datasheet
933Kb / 20P
Wide Input Range Dual PWM Controller with DDR Option
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com