Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100302 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100302
Description  Low Power Quint 2-Input OR/NOR Gate
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100302 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100302 Datasheet HTML 1Page - National Semiconductor (TI) 100302 Datasheet HTML 2Page - National Semiconductor (TI) 100302 Datasheet HTML 3Page - National Semiconductor (TI) 100302 Datasheet HTML 4Page - National Semiconductor (TI) 100302 Datasheet HTML 5Page - National Semiconductor (TI) 100302 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
100302
Low Power Quint 2-Input OR/NOR Gate
General Description
The 100302 is a monolithic quint 2-input OR/NOR gate with
common enable. All inputs have 50 k
Ω pull-down resistors
and all outputs are buffered.
Features
n 43% power reduction of the 100102
n 2000V ESD protection
n Pin/function compatible with 100102
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit Drawing
(SMD) 5962-9152802
Logic Symbol
Pin Names
Description
D
na–Dne
Data Inputs
E
Enable Input
O
a–Oe
Data Outputs
O
a–Oe
Complementary Data Outputs
Truth Table
D
1X
D
2X
EO
X
O
X
LL
L
L
H
LL
H
H
L
LH
L
H
L
LH
H
H
L
HL
L
H
L
HL
H
H
L
HH
L
H
L
HH
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
DS100303-1
August 1998
© 1998 National Semiconductor Corporation
DS100303
www.national.com


Similar Part No. - 100302

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
Low Power Quint 2-Input OR/NOR Gate
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
Low Power Quint 2-Input OR/NOR Gate
logo
ERNI Electronics
100302000001 ERNI-100302000001 Datasheet
57Kb / 1P
M 2,54 SRC-P, 3-polig
100302000003 ERNI-100302000003 Datasheet
73Kb / 1P
F 2.54 DRC-A, 10-polig
100302070001 ERNI-100302070001 Datasheet
35Kb / 1P
F 2.54 SRC-A, 2-polig
More results

Similar Description - 100302

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100307 NSC-100307 Datasheet
123Kb / 8P
Low Power Quint Exclusive OR/NOR Gate
logo
Fairchild Semiconductor
100302 FAIRCHILD-100302 Datasheet
78Kb / 8P
Low Power Quint 2-Input OR/NOR Gate
100307 FAIRCHILD-100307 Datasheet
65Kb / 6P
Low Power Quint Exclusive OR/NOR Gate
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302 Datasheet
97Kb / 5P
QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
QUINT 2-INPUT OR-NOR GATE
F100107 NSC-F100107 Datasheet
99Kb / 4P
QUINT EXCLUSIVE OR/NOR GATE
logo
Micrel Semiconductor
SY100S307 MICREL-SY100S307_10 Datasheet
387Kb / 4P
QUINT EXCLUSIVE OR/NOR GATE
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
QUINT 2-INPUT OR/NOR GATE
logo
Texas Instruments
100302 TI1-100302 Datasheet
135Kb / 7P
Low Power Quint 2-Input OR/NOR Gate
100307 TI1-100307 Datasheet
138Kb / 7P
Low Power Quint Exclusive OR/NOR Gate
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com