Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100304D Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100304D
Description  Low Power Quint AND/NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100304D Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100304D Datasheet HTML 1Page - National Semiconductor (TI) 100304D Datasheet HTML 2Page - National Semiconductor (TI) 100304D Datasheet HTML 3Page - National Semiconductor (TI) 100304D Datasheet HTML 4Page - National Semiconductor (TI) 100304D Datasheet HTML 5Page - National Semiconductor (TI) 100304D Datasheet HTML 6Page - National Semiconductor (TI) 100304D Datasheet HTML 7Page - National Semiconductor (TI) 100304D Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100304
Low Power Quint AND/NAND Gate
General Description
The 100304 is monolithic quint AND/NAND gate. The Func-
tion output is the wire-NOR of all five AND gate outputs. All
inputs have 50 k
Ω pull-down resistors.
Features
n Low Power Operation
n 2000V ESD protection
n Pin/function compatible with 100104
n Voltage compensated operating range = −4.2V to −5.7V
n Available to industrial grade temperature range
n Available to Standard Microcircuit Drawing
(SMD) 5962-9153701
Logic Symbol
Logic Equation
F = (D
1a • D2a)+(D1b • D2b)+D1c • D2c)+(D1d • D2d)+(D1e • D2e).
Pin Names
Description
D
na–Dne
Data Inputs
F
Function Output
O
a–Oe
Data Outputs
O
a–Oe
Complementary Data Outputs
DS100304-1
August 1998
© 1998 National Semiconductor Corporation
DS100304
www.national.com


Similar Part No. - 100304D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
Low Power Quint AND/NAND Gate
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
Low Power Quint AND/NAND Gate
logo
Turck, Inc.
1003040 TURCK-1003040 Datasheet
178Kb / 4P
Inductive Sensor
11/07/2023
logo
ERNI Electronics
100304020001 ERNI-100304020001 Datasheet
76Kb / 1P
M 1.27 SRC P, 8 -polig KS
100304120001 ERNI-100304120001 Datasheet
97Kb / 1P
Messerl. SMC-Q 26-SMD-BA8-13
More results

Similar Description - 100304D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104 Datasheet
102Kb / 4P
QUINT 2-INPUT AND/NAND GATE
1996 REV 2
logo
Fairchild Semiconductor
100304 FAIRCHILD-100304 Datasheet
65Kb / 6P
Low Power Quint AND/NAND Gate
logo
Micrel Semiconductor
SY100S304 MICREL-SY100S304 Datasheet
98Kb / 5P
QUINT AND/NAND GATE
SY10E104 MICREL-SY10E104 Datasheet
70Kb / 4P
QUINT 2-INPUT AND/NAND GATE
logo
National Semiconductor ...
F100304 NSC-F100304 Datasheet
135Kb / 4P
LOW POWER QUINT AND / NAND GATE
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_06 Datasheet
78Kb / 7P
5V ECL Quint 2-Input AND/NAND Gate
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10E104 MICREL-SY10E104_0 Datasheet
64Kb / 4P
QUINT 2-INPUT AND/NAND GATE
SY100S304 MICREL-SY100S304_07 Datasheet
79Kb / 4P
QUINT AND/NAND GATE
logo
Texas Instruments
100304 TI1-100304 Datasheet
135Kb / 7P
Low Power Quint AND/NAND Gate
logo
ON Semiconductor
MC10E104 ONSEMI-MC10E104_16 Datasheet
154Kb / 7P
5 V ECL Quint 2?륤nput AND/NAND Gate
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com