Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMF3506 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NMF3506
Description  Mini Buck Converter for RF Power Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NMF3506 Datasheet(HTML) 3 Page - ON Semiconductor

  NMF3506 Datasheet HTML 1Page - ON Semiconductor NMF3506 Datasheet HTML 2Page - ON Semiconductor NMF3506 Datasheet HTML 3Page - ON Semiconductor NMF3506 Datasheet HTML 4Page - ON Semiconductor NMF3506 Datasheet HTML 5Page - ON Semiconductor NMF3506 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NMF3506
http://onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin
Signal
Pin
Signal
Pin
Signal
Pin
Signal
A4
VCC
A3
GND
A2
CTRL
A1
−
B4
gp
B3
scl
B2
sda
B1
Vbatt
C4
GND
C3
GND
C2
GND
C1
GND
D4
GP
D3
SCL
D2
SDA
D1
VOUT
ESD Level 1
ESD Level 4
Figure 3. Pin Configuration
Bump Side Up
A4
B4
C4
D4
A3
B3
C3
D3
A2
B2
C2
D2
B1
C1
D1
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Junction Temperature
TJ
150
°C
Operating Temperature Range
TOP
−40 to +85
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com