Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSW-FSC Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # NSW-FSC
Description  Super high brightness surface mount LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSC Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  NSW-FSC Datasheet HTML 1Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 2Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 3Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 4Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 5Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
150 InGaN White: NSW-FSC
DOMINANT
Opto Technologies
Innovating Illumination
TM
30/08/2013 V3.0
Dominant color coordinate is measured with an accuracy of ± 0.01.
Bin
2B
2S
3B
3S
0C
0T
1C
1T
2C
2T
3C
3T
0D
0U
1D
1U
2D
2U
3D
3U
0.3207
0.3462
0.3196
0.3602
0.3376
0.3616
0.3381
0.3762
0.2984
0.3133
0.2962
0.3220
0.3115
0.3391
0.3099
0.3509
0.3290
0.3538
0.3290
0.3690
0.3463
0.3687
0.3480
0.3840
0.2984
0.3133
0.3037
0.2937
0.3130
0.3290
0.3144
0.3186
0.3290
0.3417
0.3290
0.3300
0.3451
0.3554
0.3440
0.3428
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3290
0.3538
0.3290
0.3690
0.3463
0.3687
0.3480
0.3840
0.2962
0.3220
0.2937
0.3312
0.3205
0.3481
0.3196
0.3602
0.3376
0.3616
0.3381
0.3762
0.3551
0.3760
0.3571
0.3907
0.3048
0.3207
0.3009
0.3042
0.3213
0.3373
0.3221
0.3261
0.3371
0.3490
0.3366
0.3369
0.3533
0.3620
0.3515
0.3487
0.3290
0.3417
0.3290
0.3538
0.3451
0.3554
0.3463
0.3687
0.3028
0.3304
0.3005
0.3415
0.3213
0.3373
0.3205
0.3481
0.3371
0.3490
0.3376
0.3616
0.3533
0.3620
0.3551
0.3760
0.3068
0.3113
0.3068
0.3113
0.3221
0.3261
0.3231
0.3120
0.3366
0.3369
0.3361
0.3245
0.3515
0.3487
0.3495
0.3339
0.3215
0.3350
0.3207
0.3462
0.3371
0.3490
0.3376
0.3616
0.3048
0.3207
0.3028
0.3304
0.3130
0.3290
0.3115
0.3391
0.3290
0.3417
0.3290
0.3538
0.3451
0.3554
0.3463
0.3687
0.3009
0.3042
0.3093
0.2993
0.3144
0.3186
0.3161
0.3059
0.3290
0.3300
0.3290
0.3180
0.3440
0.3427
0.3429
0.3307
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com