Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSW-FSG Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # NSW-FSG
Description  Super high brightness surface mount LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSW-FSG Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button NSW-FSG Datasheet HTML 5Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 6Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 7Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 8Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 9Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 10Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 11Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 12Page - DOMINANT Semiconductors NSW-FSG Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 180
150 InGaN White: NSW-FSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
11/06/2013 V2.0
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 1
Product & Process Change Notice (PCN)
PCN No: D110050
Date: 12-July-2011
1. Describe present process / product:
All devices in the family of Primax5.
2. Product type affected:
All devices in the family of Primax5; NSW-XXX, NTVV-XXX and NTUU-XXX
3. Describe changes (to be):
Propose to change from current 8 mm pitch per unit currently to 4 mm pitch per
unit. The tape thickness will also be changed from 0.28 mm to 0.20 mm. Quantity
per reel for the 180mm diameter reel will increase from 1000 pcs to 2000 pcs. All
other carrier tape dimensions and material remain the same.
4. Reason for change:
The increase in the qty per reel will improve productivity during surface mounting
process.
5. Target conversion date:
Samples with new carrier tape will be available upon request.
New carrier tape will be used for manufacturing for lots taped beginning of Sept. 1st 2011.
Note : Any questions or requests for additional information should be directed to our Sales personnel
Ø1
,5 +0,2
5
-0
4±0,1
0,2±0,02
2±0,05
4±0,1
1,21±0,1
8±0,1
3,31±0,1
4±0,1
2±0,05
0,28±0,02
1,21±0,1
Old
New



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com