Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSX-NLD Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # SSX-NLD
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSX-NLD Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button SSX-NLD Datasheet HTML 5Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 6Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 7Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 8Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 9Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 10Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 11Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 12Page - DOMINANT Semiconductors SSX-NLD Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
AlInGaP S-Spice : SSx-NLD
DOMINANT
Opto Technologies
Innovating Illumination
TM
26/10/2015 V8.0
Packaging Specification
Average 1pc SpiceLED
1 completed bag (3000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
Super Small
Small
Medium
Large
For SpiceLEDTM
Reel / Box
Cardboard Box
Size
Weight (gram)
0.001
140 ± 10
DOMINANT TM
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
Label
(L) Lot No : lotno
(P) Part No : partno
(C) Cust No : partno
(G) Grouping : group
(Q) Quantity : quantity
(D) D/C : date code
(S) S/N : serial no
DOMINANT Opto Technologies
ML TEMP
2 260˚C
RoHS Compliant
Made in Malaysia
DOMINANT Opto Technologies
DRND-008
Issue No : 1
Page 1 of 3
Product & Process Change Notice (PCN)
PCN No: D140157
Date: 21-Nov -2014
1. Describe present process / product:
All SMD LEDs that are currently shipped in the reel form. Please refer to section 3 for
the details; comparing current packing and label specification versus change proposed.
2. Product type affected:
All SMD LEDs that are currently shipped in the reel form.
3. Describe changes (to be):
Existing barcode printed label (BPL) used is as shown below.
Existing BPL size - 87mm x 45mm.
As part of improvement and also in response to customers’ request; BPL format will be
changed to the following.
New BPL size - 110mm x 55mm.
Additional information are now included in the label. 2D and 3D barcode data are
implemented now for every data field.
325 x 225 x 190
325 x 225 x 280
570 x 440 x 230
570 x 440 x 460
0.38
0.54
1.46
1.92
9 reels MAX
15 reels MAX
60 reels MAX
120 reels MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com