Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT41HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAT41HT1G
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT41HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAT41HT1G Datasheet HTML 1Page - ON Semiconductor BAT41HT1G Datasheet HTML 2Page - ON Semiconductor BAT41HT1G Datasheet HTML 3Page - ON Semiconductor BAT41HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. P0
1
Publication Order Number:
BAT41HT1/D
BAT41HT1G
Product Preview
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
• Fast Switching Speed
• Low Leakage Current
• Low Forward Voltage − 0.45 V @ IF = 1 mAdc
• ESD Rating
− Human Body Model: Class 3A
− Machine Model: Class C
• Surface Mount Device
• Low Capacitance Diode
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
100
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Total Device Dissipation FR−5 Board,
(Note 1)
TA = 25°C
Derate above 25°C
PD
200
1.57
mW
mW/°C
Forward Current (DC)
IF
200
mA
Non−Repetitive Peak Forward Current,
tp < 10 msec
IFSM
2
A
Thermal Resistance
Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55
to150
°C
1. FR−4 Minimum Pad
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
100 VOLT SCHOTTKY
BARRIER DIODE
Device
Package
Shipping†
ORDERING INFORMATION
SOD−323
CASE 477
STYLE 1
1
CATHODE
2
ANODE
MARKING DIAGRAM
http://onsemi.com
BAT41HT1G
SOD−323
(Pb−Free)
3,000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
JCM G
G
2
1
JC
= Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - BAT41HT1G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
58Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
General Semiconductor
BAT41 GE-BAT41 Datasheet
41Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT41 BILIN-BAT41 Datasheet
109Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
STMicroelectronics
BAT41 STMICROELECTRONICS-BAT41 Datasheet
153Kb / 12P
Low capacitance small signal Schottky diodes
08-Aug-2006
logo
GOOD-ARK Electronics
BAT41 GOOD-ARK-BAT41 Datasheet
133Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT41HT1G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com