Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLPC12 Datasheet(PDF) 1 Page - Allied Components International

Part # MLPC12
Description  Multilayer Power Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

MLPC12 Datasheet(HTML) 1 Page - Allied Components International

  MLPC12 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MLPC12-R47M-RC
.47
20
3 MHz, 200mV
0.06
1600
Rated Current
Max. (mA)
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
(MHz)
DCR
Max.
(Ω)
MLPC12-1R5M-RC
1.5
20
3 MHz, 200mV
0.11
1200
MLPC12-1R0M-RC
1.0
20
3 MHz, 200mV
0.09
1300
MLPC12-R56M-RC
.56
20
3 MHz, 200mV
0.07
1500
All specifications subject to change without notice.
Multilayer Power Chip Inductor
MLPC12
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
08/26/14
Dimensions:
Inches
(mm)
Features
• 0806 EIA Size
• Multilayer Ferrite Construction
• High Current Capacity
Electrical
Inductance Range: .47µh ~ 4.7µh
Tolerance: 5% across entire range
Test Frequency: 3MHZ, 200mV
Operating Temp: -55ºC ~ 125ºC
Rated Current: Based on a temp rise of
no more than 40ºC
Resistance to Soldering Heat
Pre-heating: 150ºC, 1min
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temperature: 260 ± 5ºC
Test Equipment
(L):
HP4291A RF Impedance Analyzer
DCR: Chen Hwa 502 BC
IDC:
HP4284A with HP42841A /
Physical
Packaging: 3000 pieces per 7 inch reel.
Marking: None
Also available in 10% & 20%
Immersion Time: 10 ± 1sec
HP4285A with HP42841A
• Excellent Solderability Characteristics
No Damage with more than 75% coverage
Inductance within 20 of initial value.
MLPC12-4R7M-RC
4.7
20
3 MHz, 200mV
0.21
800
MLPC12-3R3M-RC
3.3
20
3 MHz, 200mV
0.17
850
MLPC12-2R2M-RC
2.2
20
3 MHz, 200mV
0.13
1000
0.049±0.008
(1.25±0.20)
0.079±0.008
(2.0±0.2)
0.02±0.012
(0.5±0.3)
.04 MAX
(1.0 MAX)
0.049±0.008
(1.25±0.20)
0.063±0.008
(1.6±0.20)
Recommended Pad Layout
0.083±0.106
(2.1~2.7)
0.031±0.047
(0.8~1.2)
0.063±0.079
(1.6~2.0)


Similar Part No. - MLPC12

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC10-1R0M-RC ALLIED-MLPC10-1R0M-RC Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC10-1R5M-RC ALLIED-MLPC10-1R5M-RC Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC10-4R7M-RC ALLIED-MLPC10-4R7M-RC Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC10-R47M-RC ALLIED-MLPC10-R47M-RC Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
More results

Similar Description - MLPC12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM2HPN4R7MGCL MURATA-LQM2HPN4R7MGCL Datasheet
68Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2MPNG0 MURATA-LQM2MPNG0 Datasheet
69Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
LQM2HPJ0 MURATA-LQM2HPJ0 Datasheet
65Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type)
logo
Allied Components Inter...
MLPC10 ALLIED-MLPC10 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPCH15 ALLIED-MLPCH15 Datasheet
4Mb / 1P
Multilayer Power Chip Inductor
MLPC05 ALLIED-MLPC05 Datasheet
2Mb / 1P
Multilayer Power Chip Inductor
logo
Abracon Corporation
ASMPH-0603 ABRACON-ASMPH-0603 Datasheet
794Kb / 3P
SMD Multilayer Chip Power Inductor
02.11.13
ASMPH-0805 ABRACON-ASMPH-0805 Datasheet
956Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
ASMPH-1008 ABRACON-ASMPH-1008 Datasheet
973Kb / 3P
SMD Multilayer Chip Power Inductor
02.12.13
logo
Allied Components Inter...
MLPC15N6 ALLIED-MLPC15N6 Datasheet
8Mb / 1P
Multilayer Power Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com