Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHC123HP-R60M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCHC123HP-R60M-RC
Description  Power Choke High Current
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCHC123HP-R60M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCHC123HP-R60M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Choke High Current
PCHC123HP
15
DCR
Isat
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCHC123HP-R10T-RC
PCHC123HP-R15T-RC
PCHC123HP-R22M-RC
PCHC123HP-R45M-RC
PCHC123HP-R56M-RC
0.10
0.15
0.22
0.45
0.56
30
30
20
20
20
100
100
100
100
100
0.36(0.43)
0.4(0.48)
0.7(0.81)
1.05(1.5)
1.3(1.9)
84
75
65
58
53
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 11/24/2015
Irms
(A)
43
41
38.5
33
30
Typ.(Max)
PCHC123HP-R47M-RC
0.47
20
100
1.2(1.8)
55
32
Typ.
Features
• Magnetically shielded construction
• Expanded operating temp range
Electrical
Inductance Range: .10µH to 33µH
Tolerance: As noted.
Operating Temp: -40ºC ~ +125ºC
Test Equipment
(L): HP4284A LCR meter or equivalent
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 500 pieces per 13 inch reel.
• High saturation current up to 84A
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC
DCR: CH16502, Agilent 33420A Mirco-Ohm meter
Marking:
EIA Inductance Code/ Date Code
Irms: Current at which
with out core loss.
Isat: Current at which Inductance drop
is approximately 20%.
Test Frequency: 100KHz, 1V
PCHC123HP-R33M-RC
0.33
20
100
0.85(1.0)
62
36.5
PCHC123HP-R36M-RC
0.36
20
100
0.87(1.1)
60
36
• Low DCR
• Suitable for pick and place
∆ T=40ºC temp rise
Immersion Time: 10 sec. ± 1 sec.
PCHC123HP-R60M-RC
0.60
20
100
1.5(2.2)
51
29
IDC: 3260B WK & DC Bias 3265B WK
Available in tighter tolerances.
Additional values available
PCHC123HP-R67M-RC
PCHC123HP-R68M-RC
PCHC123HP-R82M-RC
PCHC123HP-1R5M-RC
PCHC123HP-2R2M-RC
0.67
0.68
0.82
1.50
2.20
20
20
20
20
20
100
100
100
100
100
1.9(2.5)
1.9(2.5)
2.2(3.0)
4.8(5.5)
6.3(8.0)
49
49
44
35
29
28
28
25
19
16
PCHC123HP-1R8M-RC
1.80
20
100
5.2(7.0)
30
17
PCHC123HP-1R0M-RC
1.00
20
100
2.7(3.5)
40
24
PCHC123HP-1R2M-RC
1.20
20
100
4.0(5.0)
37
21
PCHC123HP-3R3M-RC
3.30
20
100
11(13.5)
27
12
PCHC123HP-5R6M-RC
PCHC123HP-8R2M-RC
5.60
8.20
20
20
100
100
18(22)
23(28)
19
16
9.5
8.5
PCHC123HP-6R8M-RC
6.80
20
100
20(24)
18
9
PCHC123HP-4R7M-RC
4.70
20
100
15.3(18.5)
24
10
PCHC123HP-100M-RC
10.0
20
100
29(34)
14
7
PCHC123HP-330M-RC
33.0
20
100
132(160)
6.0
3.5
Typ.
(mΩ)
Dimensions:
Inches
(mm)
.53±.019
(13.5±0.5)
.49±.012
(12.5±0.3)
.09±.007
(2.3±0.2)
.185±.012
(4.7±0.3)
.09±.012
(2.3±0.3)
Schematic
 8R2
1206


Similar Part No. - PCHC123HP-R60M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC123H ALLIED-PCHC123H Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-100M-RC ALLIED-PCHC123H-100M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R0M-RC ALLIED-PCHC123H-1R0M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-1R5M-RC ALLIED-PCHC123H-1R5M-RC Datasheet
344Kb / 1P
Power Choke High Current
PCHC123H-2R2M-RC ALLIED-PCHC123H-2R2M-RC Datasheet
344Kb / 1P
Power Choke High Current
More results

Similar Description - PCHC123HP-R60M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC Datasheet
374Kb / 1P
Power Choke High Current
PCHC64P-R33M-RC ALLIED-PCHC64P-R33M-RC Datasheet
363Kb / 1P
Power Choke High Current
PCHC104H-R36M-RC ALLIED-PCHC104H-R36M-RC Datasheet
355Kb / 1P
Power Choke High Current
PCHC1354S-R68M-RC ALLIED-PCHC1354S-R68M-RC Datasheet
387Kb / 1P
Power Choke High Current
PCHC63H-R33M-RC ALLIED-PCHC63H-R33M-RC_10 Datasheet
384Kb / 1P
Power Choke High Current
PCHC63H ALLIED-PCHC63H Datasheet
383Kb / 1P
Power Choke High Current
PCHC1250R7 ALLIED-PCHC1250R7 Datasheet
485Kb / 1P
Power Choke High Current
PCHC103R7 ALLIED-PCHC103R7 Datasheet
340Kb / 1P
Power Choke High Current
PCHC127H ALLIED-PCHC127H Datasheet
6Mb / 1P
Power Choke High Current
PCHC320H ALLIED-PCHC320H Datasheet
1,007Kb / 3P
Power Choke High Current
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com