Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVR0240HT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSVR0240HT1G
Description  Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVR0240HT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSVR0240HT1G Datasheet HTML 1Page - ON Semiconductor NSVR0240HT1G Datasheet HTML 2Page - ON Semiconductor NSVR0240HT1G Datasheet HTML 3Page - ON Semiconductor NSVR0240HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSR0240H
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
RqJA
PD
740
160
°C/W
mW
Thermal Resistance
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
RqJA
PD
460
270
°C/W
mW
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. Mounted onto a 4 in square FR−4 board 10 mm sq. 1 oz. Cu 0.06” thick single−sided. Operating to steady state.
2. Mounted onto a 4 in square FR−4 board 1 in sq. 1 oz. Cu 0.06” thick single−sided. Operating to steady state.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Leakage
(VR = 10 V)
(VR = 25 V)
(VR = 40 V)
IR
0.2
0.6
0.55
2.0
10
mA
Forward Voltage
(IF = 10 mA)
(IF = 100 mA)
(IF = 200 mA)
VF
345
480
585
450
550
710
mV
Total Capacitance
(VR = 5.0 V, f = 1 MHz)
CT
4.0
pF
Reverse Recovery Time
(IF = IR = 10 mA, IR = 1.0 mA)
trr
3.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. DC Current Source is adjusted for a Forward Current (IF) of 10 mA.
2. Pulse Generator Output is adjusted for a Peak Reverse Recovery Current IRM of 10 mA.
3. Pulse Generator transition time << trr.
4. IR(REC) is measured at 1 mA. Typically 0.1 X IRM or 0.25 X IRM.
5. tp » trr
RL = 50 W
Current
Transformer
DUT
750
mH
0.1
mF
50
W Output
Pulse
Generator
tr
tp
10%
90%
IF
IRM
trr
iR(REC) = 1 mA
Output Pulse
(IF = IRM = 10 mA; measured
at iR(REC) = 1 mA)
IF
Pulse Generator
Output
Figure 1. Recovery Time Equivalent Test Circuit
50
W Input
Oscilloscope
0.1
mF
DC Current
Source
0 V
VR
Adjust for IRM
−+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com