Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP040-DHMN2 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP040-DHMN2
Description  Wall Mount interchangeable AC inlet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP040-DHMN2 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP040-DHMN2 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
12V/ 40 watts Interchangeable AC inlet Wall Mount Power
Supply
APPLICATION
12V/ 40 watts/ Interchangeable AC inlet with 60950-1
Safety
FEATURES
12V/ 40 watts
Wall Mount interchangeable AC inlet
High Efficiency DOE level VI
High Altitude 5,000M for C hina C C C
60950-1 Safety
W ATTAGE
Wattage:
40W
PRODUCT HIGHLIGHT
V-Output:
12
O/P Current:
3.33
Socket Ty pe:
Interchangeable
INPUT ELECTRICAL
Input Voltage:
90 ~ 264 V
Input F requency :
47 ~ 64 Hz
OUTPUT ELECTRICAL
Single Output:
12 V/ 3.33 A
SAFETY STANDARD APPAOVAL
NO LOAD AND EFFICIENCY
No Load:
0.1 Watts
Meet EUP Lot:
7
PROTECTION
Protection:
OVP, OC P, OTP
ENVIRONMENTAL REQUIREMENTS
Altitude :
5000 M
MECHANICAL
Dimension:
76mm(L) x 43.6mm(W) x 40mm(H)
LED Indicator:
No
On/ Off Switch: No
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Adapter
FSP040-DHMN2


Similar Part No. - FSP040-DHMN2

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP040-DHHAN3 SPI-FSP040-DHHAN3 Datasheet
608Kb / 6P
AC?륞C POWER SUPPLY
More results

Similar Description - FSP040-DHMN2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSPU26 TOTAL-POWER-TPSPU26 Datasheet
374Kb / 2P
25W Interchangeable Wall Mount Type
logo
TRIAD MAGNETICS
WSX050-4000-13 TRIAD-WSX050-4000-13 Datasheet
143Kb / 1P
Wall Plug ??Ins - Interchangeable
WSX060-4000-13 TRIAD-WSX060-4000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX060-4000-R13 TRIAD-WSX060-4000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX090-2500-R13 TRIAD-WSX090-2500-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-13 TRIAD-WSX120-2000-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX120-2000-R13 TRIAD-WSX120-2000-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX150-1600-13 TRIAD-WSX150-1600-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-13 TRIAD-WSX180-1330-13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
WSX180-1330-R13 TRIAD-WSX180-1330-R13 Datasheet
143Kb / 1P
Wall Plug - Ins - Interchangeable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com