Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100341 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100341
Description  Low Power 8-Bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100341 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  100341 Datasheet HTML 1Page - National Semiconductor (TI) 100341 Datasheet HTML 2Page - National Semiconductor (TI) 100341 Datasheet HTML 3Page - National Semiconductor (TI) 100341 Datasheet HTML 4Page - National Semiconductor (TI) 100341 Datasheet HTML 5Page - National Semiconductor (TI) 100341 Datasheet HTML 6Page - National Semiconductor (TI) 100341 Datasheet HTML 7Page - National Semiconductor (TI) 100341 Datasheet HTML 8Page - National Semiconductor (TI) 100341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics (Continued)
V
EE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
T
C = −55˚C
T
C = +25˚C
T
C = +125˚C
Units
Conditions
Notes
Min
Max
Min
Max
Min
Max
t
s
Setup Time
D
n,Pn
0.60
0.60
0.60
ns
S
n
1.70
1.60
2.40
Figure 4
(Note 10)
t
h
Hold Time
D
n,Pn
0.90
0.90
0.90
ns
S
n
0.50
0.50
0.50
t
pw(H)
Pulse Width HIGH
2.00
2.00
2.00
ns
Figure 3
CP
Note 7: F100K 300 Series cold temperature testing is performed by temperature soaking (to guarantee junction temperature equals −55˚C), then testing immediately
after power-up. This provides “cold start” specifications which can be considered a worst case condition at cold temperatures.
Note 8: Screen tested 100% on each device at +25˚C temperature only, Subgroup A9.
Note 9: Sample tested (Method 5005, Table I) on each manufactured lot at +25˚C, Subgroup A9, and at +125˚C and −55˚C temperatures, Subgroups A10 and A11.
Note 10: Not tested at +25˚C, +125˚C and −55˚C temperature (design characterization data).
Note 11: The propagation delay specified is for the switching of a single output. Delays may vary up to 0.40 ns if multiple outputs are switching simultaneously.
Test Circuitry
DS100315-6
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1, L2 and L3 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
Pin numbers shown are for Flatpak; for DIP see logic symbol
FIGURE 1. AC Test Circuit
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com