Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EU1010 Datasheet(PDF) 21 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 21 Page - Eorex Corporation

Back Button EU1010_15 Datasheet HTML 14Page - Eorex Corporation EU1010_15 Datasheet HTML 15Page - Eorex Corporation EU1010_15 Datasheet HTML 16Page - Eorex Corporation EU1010_15 Datasheet HTML 17Page - Eorex Corporation EU1010_15 Datasheet HTML 18Page - Eorex Corporation EU1010_15 Datasheet HTML 19Page - Eorex Corporation EU1010_15 Datasheet HTML 20Page - Eorex Corporation EU1010_15 Datasheet HTML 21Page - Eorex Corporation EU1010_15 Datasheet HTML 22Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
EU1010
Nov.2010
www.eorex.com
21/22
Package Description
SOP-10L
DIMENSIONS
Millimeters
REF.
Min
Max
A
5.80
6.20
B
4.80
5.00
C
3.80
4.00
D
0°
8°
E
0.40
0.90
F
0.19
0.25
M
0.10
0.25
H
0.30
0.44
L
1.35
1.75
J
0.375 REF.
K
45°
G
1.00 TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com