Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100336F Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100336F
Description  Low Power 4-Stage Counter/Shift Register
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100336F Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 100336F Datasheet HTML 3Page - National Semiconductor (TI) 100336F Datasheet HTML 4Page - National Semiconductor (TI) 100336F Datasheet HTML 5Page - National Semiconductor (TI) 100336F Datasheet HTML 6Page - National Semiconductor (TI) 100336F Datasheet HTML 7Page - National Semiconductor (TI) 100336F Datasheet HTML 8Page - National Semiconductor (TI) 100336F Datasheet HTML 9Page - National Semiconductor (TI) 100336F Datasheet HTML 10Page - National Semiconductor (TI) 100336F Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Test Circuitry
DS100307-6
Notes:
VCC,VCCA = +2V, VEE = −2.5V
L1, L2 and L3 = equal length 50
Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1 µF from GND to VCC and V EE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3pF
Pin numbers shown are for flatpak;
for DIP see logic symbol
FIGURE 1. AC Test Circuit
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com