Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX8052F131 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 35Page - ON Semiconductor AX8052F131 Datasheet HTML 36Page - ON Semiconductor AX8052F131 Datasheet HTML 37Page - ON Semiconductor AX8052F131 Datasheet HTML 38Page - ON Semiconductor AX8052F131 Datasheet HTML 39Page - ON Semiconductor AX8052F131 Datasheet HTML 40Page - ON Semiconductor AX8052F131 Datasheet HTML 41Page - ON Semiconductor AX8052F131 Datasheet HTML 42Page - ON Semiconductor AX8052F131 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Transmitter
www.onsemi.com
AX8052F131
39
6.6. PWRMODE Register
The AX8052F131 transmitter features its own independent power management, independent
from the microcontroller. While the microcontroller power mode is controlled through the
PCON
register, the
AX5031_PWRMODE register controls which parts of the transmitter are operating.
AX5031_PWRMODE
register
Name
Description
0000
POWERDOWN
All digital and analog transmitter functions, except the register file, are
disabled. VREG is reduced to conserve leakage power. The registers
are still accessible.
0100
VREGON
All digital and analog transmitter functions, except the register file, are
disabled. VREG, however is at its nominal value for operation, and all
registers are accessible.
0101
STANDBY
The crystal oscillator is powered on; the transmitter is off.
1100
SYNTHTX
The synthesizer is running on the transmit frequency. The transmitter
is still off. This mode is used to let the synthesizer settle on the correct
frequency for transmit.
1101
FULLTX
Synthesizer and transmitter are running. Do not switch into this mode
before the synthesizer has completely settled on the transmit
frequency (in SYNTHTX mode), otherwise spurious spectral
transmissions will occur.
A typical
AX5031_PWRMODE sequence for a transmit session:
Step
PWRMODE[3:0] Remarks
1
POWERDOWN
2
STANDBY
The settling time is dominated by the crystal used, typical value 3ms.
3
SYNTHTX
The synthesizer settling time is 5 – 50 μs depending on settings, see section AC
Characteristics
4
FULLTX
Data transmission
5
POWERDOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com