Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100341F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100341F
Description  Low Power 8-Bit Shift Register
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100341F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100341F Datasheet HTML 1Page - National Semiconductor (TI) 100341F Datasheet HTML 2Page - National Semiconductor (TI) 100341F Datasheet HTML 3Page - National Semiconductor (TI) 100341F Datasheet HTML 4Page - National Semiconductor (TI) 100341F Datasheet HTML 5Page - National Semiconductor (TI) 100341F Datasheet HTML 6Page - National Semiconductor (TI) 100341F Datasheet HTML 7Page - National Semiconductor (TI) 100341F Datasheet HTML 8Page - National Semiconductor (TI) 100341F Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
100341
Low Power 8-Bit Shift Register
General Description
The 100341 contains eight edge-triggered, D-type flip-flops
with individual inputs (P
n) and outputs (Qn) for parallel op-
eration, and with serial inputs (D
n) and steering logic for bidi-
rectional shifting. The flip-flops accept input data a setup
time before the positive-going transition of the clock pulse
and their outputs respond a propagation delay after this ris-
ing clock edge.
The circuit operating mode is determined by the Select in-
puts S
0 and S1, which are internally decoded to select either
“parallel entry”, “hold”, “shift left” or “shift right” as described
in the Truth Table. All inputs have 50 k
Ω pull-down resistors.
Features
n 35% power reduction of the 100141
n 2000V ESD protection
n Pin/function compatible with 100141
n Voltage compensated operating range = −4.2V to −5.7V
n Standard Microcircuit
Drawing (SMD) 5962-9459101
Logic Symbol
Pin Names
Description
CP
Clock Input
S
0,S1
Select Inputs
D
0,D7
Serial Inputs
P
0–P7
Parallel Inputs
Q
0–Q7
Data Outputs
DS100315-1
August 1998
© 1998 National Semiconductor Corporation
DS100315
www.national.com


Similar Part No. - 100341F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100341 FAIRCHILD-100341 Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
100341PC FAIRCHILD-100341PC Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
100341QC FAIRCHILD-100341QC Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
100341QI FAIRCHILD-100341QI Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
More results

Similar Description - 100341F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Fairchild Semiconductor
100341 FAIRCHILD-100341 Datasheet
94Kb / 9P
Low Power 8-Bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com