Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP060-1FZ1FS Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP060-1FZ1FS
Description  LED Lighting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP060-1FZ1FS Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP060-1FZ1FS Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT HIGHLIGHT
Output Voltage/Current
:
42V/ Max 1.4A
MECHANICAL SPECIFICATION
SPECIFICATION
Model Name
FSP060-1FZ1FS
Wattage
60W
Case
Steel
Dimming
Non-Dimming
Input Electrical
Specification
Input Voltage
100~240 Vac
Input Frequency 47~63 Hz
PFC
≧0.9
Input C urrent
100Vac / Maximum Load ≤1.0A 240Vac / Maximum Load ≤0.6A
Inrush C urrent
<80A cold start, full load
Constant Current
/ Constant
Voltage
C onstant Voltage
Output Voltage
and Current
Rating
Output1
42 V , 1400 mA
Output Electrical
Specification
Efficiency
≧ 87 %
Life
50,000 hours without system & full load.@100Vac/200Vac & ambient 25°C
Protection
Function
OVP,OTP,SC P,OC P
Env ironmental
Requirement
TEMP. Range
Operating : -20℃ to +50℃
Storage : -20℃ to +70℃
Insulation
I/P-O/P I/P-FG: 100M ohm @ 500Vdc/ 25C / 70% Humidity
EMC performance EN55015
C lass B C onducted, C lass B radiated
EN55022
C lass B C onducted, C lass B radiated
EN61000-3-2
A
EN61000-4-3
1
EN61000-4-5
Differential Mode≥2KV; C ommon Mode≥4KV
Dimension
270mm(L) x 50mm(W)x 30mm(H)
PROTECTION FUNCTIONS
OVP,OTP,SC P,OC P
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
LED Lighting
FSP060-1FZ1FS


Similar Part No. - FSP060-1FZ1FS

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP060-1FZ1AS FSP-FSP060-1FZ1AS Datasheet
114Kb / 1P
LED Lighting
More results

Similar Description - FSP060-1FZ1FS

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP075-NZMCH-700 FSP-FSP075-NZMCH-700 Datasheet
122Kb / 1P
LED Lighting
FSP075-NZMVH-42 FSP-FSP075-NZMVH-42 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-48 FSP-FSP075-NZMVH-48 Datasheet
123Kb / 1P
LED Lighting
FSP075-NZMVH-54 FSP-FSP075-NZMVH-54 Datasheet
123Kb / 1P
LED Lighting
FSP80-ZZAE210VG FSP-FSP80-ZZAE210VG Datasheet
124Kb / 1P
LED Lighting
FSP100-NZMCH-1050 FSP-FSP100-NZMCH-1050 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-1400 FSP-FSP100-NZMCH-1400 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2100 FSP-FSP100-NZMCH-2100 Datasheet
122Kb / 1P
LED Lighting
FSP100-NZMCH-2800 FSP-FSP100-NZMCH-2800 Datasheet
122Kb / 1P
LED Lighting
FSP120-NZKCH-2500 FSP-FSP120-NZKCH-2500 Datasheet
122Kb / 1P
LED Lighting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com