Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100343F Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 100343F
Description  Low Power 8-Bit Latch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

100343F Datasheet(HTML) 1 Page - National Semiconductor (TI)

  100343F Datasheet HTML 1Page - National Semiconductor (TI) 100343F Datasheet HTML 2Page - National Semiconductor (TI) 100343F Datasheet HTML 3Page - National Semiconductor (TI) 100343F Datasheet HTML 4Page - National Semiconductor (TI) 100343F Datasheet HTML 5Page - National Semiconductor (TI) 100343F Datasheet HTML 6Page - National Semiconductor (TI) 100343F Datasheet HTML 7Page - National Semiconductor (TI) 100343F Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100343
Low Power 8-Bit Latch
General Description
The 100343 contains eight D-type latches, individual inputs,
(D
n), outputs (Qn), a common enable pin (E), and a latch en-
able pin (LE). A Q output follows its D input when both E and
LE are LOW. When either E or LE (or both) are HIGH, a latch
stores the last valid data present on its D input prior to E or
LE going HIGH.
The 100343 outputs are designed to drive a 50
Ω termination
resistor to −2.0V. All inputs have 50 k
Ω pull-down resistors.
Features
n Low power operation
n 2000V ESD protection
n Voltage compensated operating range = −4.2V to −5.7V
n Available to MIL-STD-883
Logic Symbol
Pin Names
Description
D
0–D7
Data Inputs
E
Enable Input
LE
Latch Enable Input
Q
0–Q7
Data Inputs
NC
No Connect
DS100298-1
August 1998
© 1998 National Semiconductor Corporation
DS100298
www.national.com


Similar Part No. - 100343F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100343 FAIRCHILD-100343 Datasheet
73Kb / 8P
Low Power 8-Bit Latch
logo
PHOENIX CONTACT
1003433 PHOENIX-1003433 Datasheet
41Kb / 2P
Insert strip - ES/LP-BW-GB
logo
Fairchild Semiconductor
100343PC FAIRCHILD-100343PC Datasheet
73Kb / 8P
Low Power 8-Bit Latch
100343QC FAIRCHILD-100343QC Datasheet
73Kb / 8P
Low Power 8-Bit Latch
100343QI FAIRCHILD-100343QI Datasheet
73Kb / 8P
Low Power 8-Bit Latch
More results

Similar Description - 100343F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
Low Power 8-Bit Latch with Cut-Off Drivers
logo
STMicroelectronics
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
Mar-2001
logo
Texas Instruments
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Fairchild Semiconductor
100343 FAIRCHILD-100343 Datasheet
73Kb / 8P
Low Power 8-Bit Latch
100344 FAIRCHILD-100344 Datasheet
71Kb / 7P
Low Power 8-Bit Latch with Cut-Off Drivers
logo
Texas Instruments
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com