Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS1087 Datasheet(PDF) 4 Page - Allied Components International

Part # PCS1087
Description  Power Choke Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS1087 Datasheet(HTML) 4 Page - Allied Components International

  PCS1087 Datasheet HTML 1Page - Allied Components International PCS1087 Datasheet HTML 2Page - Allied Components International PCS1087 Datasheet HTML 3Page - Allied Components International PCS1087 Datasheet HTML 4Page - Allied Components International PCS1087 Datasheet HTML 5Page - Allied Components International PCS1087 Datasheet HTML 6Page - Allied Components International PCS1087 Datasheet HTML 7Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Power Choke Shielded
PCS1087
15
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
09/19/2014
L vs DC BIAS
TEMPERATURE RISE T (°C) VS DC BIAS (Amps)
∆
∆
125ºC
25ºC
37.13%
32.34%
54
99.40%
85.03%
77.11%
100.00%
98.80%
% L0
100.00%
100.00%
125ºC
167
167
167
100.00%
25ºC
167
166
142
62
% L0
100.00%
100.00%
100.00%
100.00%
100.00%
166
166
166
166
166
166
DC BIAS(A)
0
20
55
60
65
30
40
50
156
93.98%
70
CONDITION : 100KHz,1.0V
80
77
128
46.39%
75
166
164
0
20
40
60
80
100
120
140
160
180
200
0
10
20
30
40
50
60
70
80
DC BIAS(A)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
55
60
DC BIAS(A)
50
31.4
50 Minutes
CONDITION : 100KHz,1.0V
60
45.0
60 Minutes
55
37.6
55 Minutes
40
20.3
40 Minutes
45
26.1
45 Minutes
35
14.7
35 Minutes
30
9.4
30 Minutes
25
5.7
25 Minutes
20
3.2
20 Minutes
15
1.7
15 Minutes
10
0.9
10 Minutes
5
0.5
5 Minutes
0
0
0 Minutes
DC BIAS(A)
T(ºC)
PCS1087-R17K-RC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com