Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTCB921 Datasheet(PDF) 1 Page - Allied Components International

Part # VTCB921
Description  Toroidal Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

VTCB921 Datasheet(HTML) 1 Page - Allied Components International

  VTCB921 Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Low Magnetic Radiation
• Low Core Loss
• High current capacity
Electrical
Inductance Range: 100µh
Tolerance: 20%
VTCB921-101M-RC
Allied
Part
Number
L (
µH)
100
DCR
(mΩ)
2.6
100
Toroidal Chokes
VTCB921
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
RoHS
Test Frequency: 1KHz
Operating Temp: -20ºC ~ 100ºC
HiPot:500VAC 50Hz 2 Sec, winding to core
Test Equipment
(L): HP4132
DCR: ZT-3250
REVISED 11/20/2015
@ 1KHZ
Max
All specifications subject to change without notice.
.850
21.6
MAX
.826±.019
21±0.5
.30±.019
7.62±0.5
.43±.019
11±0.5
2
1
.472
12.0
MAX
.850
21.6
MAX
.129±.019
3.3±0.5
N1
: WINDING START
20%
ISAT
ADC
Inches
(mm)
Dimensions:
1


Similar Part No. - VTCB921

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-101L-RC ALLIED-VTCB210-101L-RC Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-101L-RC ALLIED-VTCB210-101L-RC Datasheet
1Mb / 1P
Toroidal Chokes
More results

Similar Description - VTCB921

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
TC100-1R0M-RC ALLIED-TC100-1R0M-RC Datasheet
377Kb / 1P
Toroidal Chokes
TC210-100L-RC ALLIED-TC210-100L-RC Datasheet
1,023Kb / 1P
Toroidal Chokes
TC230-100L-RC ALLIED-TC230-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
VTCB210-100L-RC ALLIED-VTCB210-100L-RC Datasheet
1Mb / 1P
Toroidal Chokes
TC100 ALLIED-TC100 Datasheet
378Kb / 1P
Toroidal Chokes
TC210 ALLIED-TC210 Datasheet
1Mb / 1P
Toroidal Chokes
TC230 ALLIED-TC230 Datasheet
1Mb / 1P
Toroidal Chokes
VTC0690 ALLIED-VTC0690 Datasheet
215Kb / 1P
Toroidal Chokes
VTCB210 ALLIED-VTCB210 Datasheet
1Mb / 1P
Toroidal Chokes
VTC570 ALLIED-VTC570 Datasheet
1Mb / 1P
Toroidal Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com