Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11C90 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C90
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C90 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  11C90 Datasheet HTML 1Page - National Semiconductor (TI) 11C90 Datasheet HTML 2Page - National Semiconductor (TI) 11C90 Datasheet HTML 3Page - National Semiconductor (TI) 11C90 Datasheet HTML 4Page - National Semiconductor (TI) 11C90 Datasheet HTML 5Page - National Semiconductor (TI) 11C90 Datasheet HTML 6Page - National Semiconductor (TI) 11C90 Datasheet HTML 7Page - National Semiconductor (TI) 11C90 Datasheet HTML 8Page - National Semiconductor (TI) 11C90 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ECL OperationCommercial Version
DC Electrical Characteristics
VCC e VCCA e GND VEE eb52V
Symbol
Parameter
Min
Typ
Max
Units
TA
Conditions
VOH
Output HIGH Voltage
b
1060
b
995
b
905
0 C
Load e 50X to b2V
Q and Q
b
1025
b
960
b
880
mV
a
25 C
b
980
b
910
b
805
a
75 C
VOL
Output LOW Voltage
b
1820
b
1705
b
1620
mV
0 Cto
Q and Q
a
75 C
VIH
Input HIGH Voltage
b
1135
b
840
0 C
Guaranteed Input HIGH
b
1095
b
810
mV
a
25 C
Signal (Note 6)
b
1035
b
720
a
75 C
VIL
Input LOW Voltage
b
1870
b
1500
0 C
Guaranteed Input LOW
b
1850
b
1485
mV
a
25 C
Signal
b
1830
b
1460
a
75 C
IIH
Input HIGH Current
VIN e VIHA
CP Input (Note 1)
400
a
25 C
MS Input
400
m
A
a
25 C
M1 and M2 Input
250
a
25 C
IIL
Input LOW Current
05
m
A
a
25 CVIN e VILB
IEE
Power Supply Current
b
110
b
75
mA
0 C to
Pins 6 7 13 not connected
b
119
a
75 C
VEE
Operating Supply
b
57
b
52
b
47
V
0 Cto
Voltage Range
a
75 C
VREF
Reference Voltage
b
1550
b
1150
mV
a
25 C
VRM1 e VRM2 eb52V
IN eb100 mA
AC Electrical Characteristics
TA e 0 Cto a75 C VCC e VCCA e GND VEE eb52V
Symbol
Parameter
0 C
a
25 C
a
75 C
Units
Conditions
Typ
Min
Typ
Max
Typ
tPLH
Propagation Delay
18
13
20
30
25
ns
Output
tPHL
(50% to 50%) CP to Q
RL e 50X to b20V
tPLH
Propagation Delay
37
40
60
45
ns
Input
(50% to 50%) MS to Q
tri e tfi e 20 g01 ns
ts
Setup Time M to CP
20
40
20
20
ns
(20% to 80%)
th
Hold Time M to CP
b
20
00
b
20
b
20
ns
See
Figure 1
tTLH
Output Rise Time
10
10
20
10
ns
(20% to 80%)
tTHL
Output Fall Time
10
10
20
10
ns
(80% to 20%)
fMAX
Maximum Clock Frequency
AC Coupled Input 350 mV
650
600
650
625
MHz
Peak-to-Peak fMAX is
Guaranteed to be 575 MHz
Min at 0 Cto a75 C
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com