Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP135-KAAM1 Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # FSP135-KAAM1
Description  Medical PSU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

FSP135-KAAM1 Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  FSP135-KAAM1 Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
This series of AC /DC switching power supplies are for 120-
135 watts of continuous output power. They are enclosed
in a 94V-1 rated polyphenylene-oxide case with an
IEC 320/C 14 or IEC 320/C 18 inlet to mate with
interchangeable cord for world-wide use. All models meet
EN55011, EN55022 and FC C class B emission limits, and
are designed for medical and ITE applications, not for life-
supporting equipment.
FEATURES
Low safety ground leakage current
C lass I models are to be certified to medical and ITE
safety standards, C lass I I models to medical standards
only.
Wide input range 90 to 264 VAC
Power factor corrected 200% peak power capability on
models below 26 Vdc output
Optional output connectors
Over voltage protection
Over current protection
C ompliant with C EC and Energy Star Efficiency level V
requirements
* No load power consumption less than 0.5 W
* Average active efficiency greater than 87%
C ompliant with RoHS requirements
W ATTAGE
Wattage:
135W
DIMENSION
Dimension:
146.2mm(L) x 75.2mm(W) x
39.0mm(H)
INPUT SPECIFICATION
Input Range:
90-264 Vdc
Input F requency :
47-63 Hz
Input Current:
1.6A(rms) for115VAC ,
0.8A(rms) for230VAC
Leakage Current:
200 µA max. @ 264 VAC ,63
Hz
SAFETY STANDARD APPAOVAL
OUTPUT SPECIFICATION
Ripple & Noise:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500 us after a
25% step load change
Ov er Current
Protection:
Protected to short circuit
conditions
ENVIRONMENTAL SPECIFICATION
TEMP.Range:
Operating Temperature:0°C to
+60°C
Storage Temperature: -40°C to +
85℃
OUTPUT ELECTRICAL
Single Output:
24-25 V/ 5.63 A
NOTES
1. C lass I models are equipped with IEC 320/C 14 inlet, and class II models with IEC 320/C 18 inlet.
2. For 10 seconds maximum, average power not to exceed maximum power rating.
3. Ripple and noise is maximum peak to peak voltage value measured at output within 20 MHz bandwidth, at rated line
voltage and output load ranges, and with a 10 μF tantalum capacitor in parallel with a 0.1 μF ceramic capacitor across the
output.
MECHANICAL SPECIFICATION
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Medical PSU
FSP135-KAAM1


Similar Part No. - FSP135-KAAM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP135-KDAM1 FSP-FSP135-KDAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KEAM1 FSP-FSP135-KEAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KFAM1 FSP-FSP135-KFAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KGAM1 FSP-FSP135-KGAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
Medical PSU
More results

Similar Description - FSP135-KAAM1

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP135-KDAM1 FSP-FSP135-KDAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KEAM1 FSP-FSP135-KEAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KFAM1 FSP-FSP135-KFAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KGAM1 FSP-FSP135-KGAM1 Datasheet
126Kb / 1P
Medical PSU
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
Medical PSU
FSP150-KAAM1 FSP-FSP150-KAAM1 Datasheet
147Kb / 1P
Medical PSU
FSP180-AHAM1 FSP-FSP180-AHAM1 Datasheet
76Kb / 1P
Medical PSU
FSP202-1K20M1 FSP-FSP202-1K20M1 Datasheet
158Kb / 1P
Medical PSU
FSP202-1K70M1 FSP-FSP202-1K70M1 Datasheet
159Kb / 1P
Medical PSU
FSP200-KBCM1 FSP-FSP200-KBCM1 Datasheet
49Kb / 1P
Medical PSU
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com