Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11C91 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 11C91
Description  650 MHz Prescalers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

11C91 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  11C91 Datasheet HTML 1Page - National Semiconductor (TI) 11C91 Datasheet HTML 2Page - National Semiconductor (TI) 11C91 Datasheet HTML 3Page - National Semiconductor (TI) 11C91 Datasheet HTML 4Page - National Semiconductor (TI) 11C91 Datasheet HTML 5Page - National Semiconductor (TI) 11C91 Datasheet HTML 6Page - National Semiconductor (TI) 11C91 Datasheet HTML 7Page - National Semiconductor (TI) 11C91 Datasheet HTML 8Page - National Semiconductor (TI) 11C91 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings
Above which the useful life may be impaired
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Maximum Junction Temperature (TJ)
a
150 C
Supply Voltage Range
b
70V to GND
Input Voltage (DC)
VEE to GND
Output Current (DC Output HIGH)
b
50 mA
Operating Range
b
57V to b47V
Lead Temperature
(Soldering 10 sec)
300 C
Recommended Operating
Conditions
Min
Typ
Max
Ambient Temperature (TA)
Commercial
0 C
a
75 C
Military
b
55 C
a
125 C
Supply Voltage (VEE)
Commercial
b
57V
b
52V
b
47V
Military
b
57V
b
52V
b
47V
TTL InputOutput Operation
DC Electrical Characteristics
Over Operating Temperature and Voltage Range unless otherwise noted Pins 12 and 13 e GND
Symbol
Parameter
Min
Typ
Max
Units
Conditions
(Note 3)
VIH
Input HIGH Voltage
41
V
Guaranteed Input HIGH Threshold
M1 and M2 Inputs
Voltage (Note 4) VCC e VCCA e 50V
VIL
Input LOW Voltage
33
V
Guaranteed Input LOW Threshold
M1 and M2 Inputs
Voltage (Note 4) VCC e VCCA e 50V
VOH
Output HIGH Voltage
23
33
V
VCC e VCCA e Min
QTTL Output
IOH eb640 mA
VOL
Output LOW Voltage
02
05
V
VCC e VCCA e Min
QTTL Output
IOL e 200 mA
IIL
Input LOW Current
b
23
b
50
mA
VCC e VCCA e Max
M1 and M2 Inputs
VIN e 04V Pins 6 7 e VCC
ISC
Output Short Circuit
b
20
b
35
b
80
mA
VCC e VCCA e Max
Current
VOUT e 00V Pin 14 e VCC
AC Electrical Characteristics
VCC e VCCA e 50V Nominal VEE e GND TA ea25 C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
tPLH
Propagation Delay (50% to 50%)
610
14
ns
See
Figure 1
tPHL
CP to QTTL
tPLH
Propagation Delay (50% to 50%)
12
17
ns
MS to QTTL
ts
Mode Control Setup Time
4
2
ns
th
Mode Control Hold Time
0
b
2ns
tTLH
Output Rise Time
10
ns
(20% to 80%)
tTHL
Output Fall Time
2ns
(80% to 20%)
fMAX
Count Frequency
550
650
MHz
b
55 Cto a125 C
600
650
0 Cto a75 C
Clock Input AC Coupled
350 mV Peak-to-Peak
Sinewave (Note 5)
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com