Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP-10E-LR-CDFP Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPP-10E-LR-CDFP
Description  Support 10GBASE-LR/LW and Data Center application
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPP-10E-LR-CDFP Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPP-10E-LR-CDFP Datasheet HTML 1Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 2Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 3Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 4Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 5Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 6Page - Source Photonics, Inc. SPP-10E-LR-CDFP Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DS-7159
Rev 02
2013-04-10
SPP-10E-LR-CDFP
Features
Support 10GBASE-LR/LW and Data Center application
Up to 1.4km transmission on SMF
1310nm FP laser and PIN receiver
SFI high speed electrical interface
2-wire interface with integrated Digital Diagnostic monitoring
SFP+ MSA package with duplex LC connector
Single +3.3V power supply
Power consumption less than 1 W
Operating case temperature: -5~+70°C
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class
1(>1000V
for
SFI
pins, >2000V for other pins.)
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class I laser
product.
RoHS
2011/65/EU
Compliant with standards
.


Similar Part No. - SPP-10E-LR-CDFP

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
More results

Similar Description - SPP-10E-LR-CDFP

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPP-10E-ER-CDFC SOURCE-SPP-10E-ER-CDFC Datasheet
172Kb / 7P
Support 10GBASE-ER/EW application
SPP-10E-ER-IDFC SOURCE-SPP-10E-ER-IDFC Datasheet
322Kb / 7P
Support 10GBASE-ER/EW application
SPP-10E-LR-CDFF SOURCE-SPP-10E-LR-CDFF Datasheet
347Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFF SOURCE-SPP-10E-LR-IDFF Datasheet
346Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-LR-IDFP SOURCE-SPP-10E-LR-IDFP Datasheet
346Kb / 7P
Support 10GBASE-LR/LW and CPRI wireless application
SPP-10E-ZR-CDFA SOURCE-SPP-10E-ZR-CDFA Datasheet
339Kb / 7P
Support 10GBASE-ZR/ZW application
SPP-10E-ZR-IDFA SOURCE-SPP-10E-ZR-IDFA Datasheet
365Kb / 7P
Support 10GBASE-ZR/ZW application
SPP-10S-LR-CDFC SOURCE-SPP-10S-LR-CDFC Datasheet
373Kb / 7P
Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
SPP-10S-LR-EDFC SOURCE-SPP-10S-LR-EDFC Datasheet
372Kb / 7P
Support 8G FC, 10GBASE-LR/LW and SONET/SDH application
logo
List of Unclassifed Man...
M02139 ETC2-M02139 Datasheet
365Kb / 18P
10GBASE-SR, IR and LR Links
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com