Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54150 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54150
Description  Data Selectors/Multiplexers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54150 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54150 Datasheet HTML 1Page - National Semiconductor (TI) 54150 Datasheet HTML 2Page - National Semiconductor (TI) 54150 Datasheet HTML 3Page - National Semiconductor (TI) 54150 Datasheet HTML 4Page - National Semiconductor (TI) 54150 Datasheet HTML 5Page - National Semiconductor (TI) 54150 Datasheet HTML 6Page - National Semiconductor (TI) 54150 Datasheet HTML 7Page - National Semiconductor (TI) 54150 Datasheet HTML 8Page - National Semiconductor (TI) 54150 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF6546
June 1989
54150DM54150DM74150
54151ADM54151ADM74151A
Data SelectorsMultiplexers
General Description
These data selectorsmultiplexers contain full on-chip de-
coding to select the desired data source The 150 selects
one-of-sixteen data sources the 151A selects one-of-eight
data sources The 150 and 151A have a strobe input which
must be at a low logic level to enable these devices A high
level at the strobe forces the W output high and the Y output
(as applicable) low
The 151A features complementary W and Y outputs where-
as the 150 has an inverted (W) output only
The 151A incorporates address buffers which have sym-
metrical propagation delay times through the complementa-
ry paths This reduces the possibility of transients occurring
at the output(s) due to changes made at the select inputs
even when the 151A outputs are enabled (ie strobe low)
Features
Y
150 selects one-of-sixteen data lines
Y
151A selects one-of-eight data lines
Y
Performs parallel-to-serial conversion
Y
Permits multiplexing from N lines to one line
Y
Also for use as Boolean function generator
Y
Typical average propagation delay time data input to W
output
150
11 ns
151A
9 ns
Y
Typical power dissipation
150
200 mW
151A
135 mW
Y
Alternate MilitaryAerospace device (54150 54151A) is
available Contact a National Semiconductor Sales Of-
ficeDistributor for specifications
Connection Diagrams
Dual-In-Line Package
TLF6546 – 1
Order Number 54150DQMB 54150FMQB
DM54150J or DM74150N
See NS Package Number J24A N24A or W24C
Dual-In-Line Package
TLF6546 – 2
Order Number 54151ADMQB 54151AFMQB
DM54151AJ DM54151AW or DM74151AN
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
54150 ETC2-54150 Datasheet
235Kb / 1P
Connectors for Copper Conductor
logo
Molex Electronics Ltd.
54150-0878 MOLEX-54150-0878 Datasheet
40Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
logo
Tyco Electronics
5415006-1 MACOM-5415006-1 Datasheet
503Kb / 17P
RF Coax Connectors
5415006-2 MACOM-5415006-2 Datasheet
503Kb / 17P
RF Coax Connectors
5415025-1 MACOM-5415025-1 Datasheet
87Kb / 1P
JACK, RIGHT ANGLE, 50 OHM, PCB, BNC
More results

Similar Description - 54150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F157A PHILIPS-74F157A Datasheet
84Kb / 10P
Data selectors/multiplexers
1996 Mar 12
logo
Texas Instruments
SN54150 TI-SN54150 Datasheet
822Kb / 22P
DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
Data Selectors/Multiplexers
logo
National Semiconductor ...
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
TRI-STATE Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
TRI-STATE Data Selectors/Multiplexers
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
logo
Texas Instruments
SN54150 TI-SN54150_07 Datasheet
1Mb / 32P
DATA SELECTORS/MULTIPLEXERS
SN54ALS151 TI-SN54ALS151_07 Datasheet
652Kb / 17P
1-OF-8 DATA SELECTORS/MULTIPLEXERS
SN74150J TI-SN74150J Datasheet
1Mb / 25P
DATA SELECTORS/MULTIPLEXERS
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com