Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBBO Datasheet(PDF) 1 Page - Powerbox

Part # PBBO
Description  5 - 1 0 WAT T S - A C / D C S I N G L E O U T P U T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBBO Datasheet(HTML) 1 Page - Powerbox

  PBBO Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBC9 Rev.C 28-4-11
10
PBBO Series
5 - 1 0 W A T T S - A C / D C S I N G L E O U T P U T
FEATURES
•
Small foot print
•
Low height
•
High efficiency
•
High power density
•
High MTBF
•
Cost effective
•
Built-in inrush current and overcurrent protection
TECHNICAL ILLUSTRATIONS
PBBO-C
INPUT
Nominal voltage
85-264VAC / 110-370VDC
Frequency
47-63Hz
Input current
0.15A to 0.3A
Leakage current
0.5A max at nominal load and input voltage.
Inrush current
15A Typ (100VAC), 30A Typ (200VAC)
Isolation
I/P to O/P 3,000VAC
I/P to FG 2,000VAC
O/P to FG 500VAC
OUTPUT
Voltage
See table.
Line regulation
±0.4% - ±0.6%.
Load regulation
±0.6% - ±1.2%.
Voltage adjustment
No.
Current adjustment
No.
Ripple and noise
1% - 2% max p-p. (0 to +55°C).
Overcurrent protection
Works over 125% of rating and recovers
automatically.
Overvoltage protection
Works over 115% of rating (By zener diode
clamping
ENVIRONMENTAL
Operating temperature
-10 to +71°C convection, derate from 55OC
Storage temperature
-20 to +75°C.
Operating humidity
20-90%, RH non condesing.
Storage humidity
20-90%, RH non condesing.
Operating altitude
3,000m (10,000feet) max.
Storage altitude
9,000m (30,000feet) max.
Cooling
Convection.
Vibration
19.6m/s2 10-55Hz, 3 minutes period, 60 mins
each along X,Y and Z axis (Non operating)
Impact
196.1m/s2 11ms, once each X,Y and Z axis
(Non operating)
Efficiency
65% - 81%
Switching frequency
60kHz to 200kHz
MTBF
1,760,000 hours (PBBO-C). 1,610,000 hours
(PBBO-D)
Weight
30g (PBBO-C), 40g (PBBO-D)
STANDARDS
Safety standards
UL1950. C-UL, EN60950, VDE0160 Complies
with DEN-AN and IEC60950.
C tick
AS/NZS CISPR11 Group 1 Class A.
EMI standards
Complies with FCC-B and VCCI-A.
MODEL NUMBER
OUTPUT
POWER
PBBO-3C
3.3V
1A
5W
PBBO-5C
5V
1A
5W
PBBO-12C
12V
0.45A
5W
PBBO-15C
15V
0.33A
5W
PBBO-24C
24V
0.22A
5W
PBBO-3D
3.3V
2A
10W
PBBO-5D
5V
2A
10W
PBBO-12D
12V
0.9A
10W
PBBO-15D
15V
0.70A
10W
PBBO-24D
24V
0.45A
10W
SELECTION TABLE
PBBO-D
SPECIFICATIONS


Similar Part No. - PBBO

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
PBB-11815-1 BUD-PBB-11815-1 Datasheet
79Kb / 1P
PUSH BUTTON BOX - 1 HOLE (22MM)
2-24-14
PBB-11817-2 BUD-PBB-11817-2 Datasheet
88Kb / 1P
PUSH BUTTON BOX - 2 HOLE (22MM)
2-24-14
PBB-11819-3 BUD-PBB-11819-3 Datasheet
88Kb / 1P
PUSH BUTTON BOX - 3 HOLE (22MM)
2-24-14
PBB-11833-2 BUD-PBB-11833-2 Datasheet
89Kb / 1P
PUSH BUTTON BOX - 2 HOLE (30MM)
2-24-14
PBB-11837-4 BUD-PBB-11837-4 Datasheet
71Kb / 1P
PBB SERIES - PC 10% FIBERGLASS PUSH BUTTON BOX
2-24-14
More results

Similar Description - PBBO

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA POWERBOX-PBBA Datasheet
188Kb / 4P
1 . 5 - 1 0 WAT T S - D C / D C S I N G L E - M U LT I P L E O U T P U T
PBI2H POWERBOX-PBI2H Datasheet
290Kb / 2P
1 5 - 5 0 W A T T S D C / D C S I N G L E O U T P U T
PBIH POWERBOX-PBIH Datasheet
288Kb / 3P
1 5 - 1 5 0 WAT T S D C / D C S I N G L E O U T P U T
TRG70A POWERBOX-TRG70A Datasheet
536Kb / 1P
7 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com