Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS30 Datasheet(PDF) 5 Page - ON Semiconductor

Part # SS30
Description  Fan Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS30 Datasheet(HTML) 5 Page - ON Semiconductor

  SS30 Datasheet HTML 1Page - ON Semiconductor SS30 Datasheet HTML 2Page - ON Semiconductor SS30 Datasheet HTML 3Page - ON Semiconductor SS30 Datasheet HTML 4Page - ON Semiconductor SS30 Datasheet HTML 5Page - ON Semiconductor SS30 Datasheet HTML 6Page - ON Semiconductor SS30 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SS30
No.A1878-5/7
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
6
OSC
Motor startup frequency setting. A capacitor must
be connected between this pin and ground. The
startup frequency is adjusted by controlling the
charge/discharge current (
±2.5μA) and the
capacitance of the capacitor.
VCC
6
VCC
7
SGND
Ground for IC. It is short-circuited and uses it with
pin SUBGND (pin 19).
8
F/R
Motor rotation direction switching. A high-level input
causes current to flow into the motor in the order of
U, V, and W and a low-level input in the order of U,
W, and V. Changing the order of current application
turns the motor in the opposite direction.
VCC
8
Reverse signal
Forward signal
Forward/reverse
switching signal
9
1/2FG
FG pulse output. This pin outputs 1/2 Hall sensor
system equivalent pulse signal.
10
FG
FG pulse output. This pin outputs a Hall sensor
system equivalent pulse signal.
11
RD
Motor lock detection output pin.
When the motor is locked, "H" is output.
10
9
11
12
PWM
PWM signal input. A high-level input turns on the
output transistors. A low-level input turns off the
output transistors and motor stops. The motor
speed is set by controlling the duty cycle of the input
PWM signal. The motor runs at full speed when this
pin is held open.
VCC
12
13
VG
Charge pump step-up output. A capacitor must be
connected between this pin and ground.
14
CP
Charge pump step-up pulse output pin. A capacitor
must be connected between this pin and the CPC
pin (pin 15).
15
CPC
Charge pump step-up pin. A capacitor must be
connected between this pin and the CP pin (pin 14).
VCC
14
15
13
19
SUBGND
SUBGND pin for IC. It is short-circuited and uses it
with pin SGND (pin 7).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com