Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54173 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54173
Description  TRI-STATE Quad Registers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54173 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54173 Datasheet HTML 1Page - National Semiconductor (TI) 54173 Datasheet HTML 2Page - National Semiconductor (TI) 54173 Datasheet HTML 3Page - National Semiconductor (TI) 54173 Datasheet HTML 4Page - National Semiconductor (TI) 54173 Datasheet HTML 5Page - National Semiconductor (TI) 54173 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54 and 54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM54173
DM74173
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
2
b
52
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 4)
0
25
0
25
MHz
tW
Pulse Width
Clock
20
20
ns
(Note 4)
Clear
20
20
tSU
Setup Time
Enable
17
17
ns
(Note 4)
Data
10
10
tH
Hold Time
Enable
2
2
ns
(Note 4)
Data
10
10
tREL
Clear Release Time (Note 4)
10
10
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 24V
40
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
16
mA
IOZH
Off-State Output Current with High
VCC e Max VO e 24V
40
m
A
Level Output Voltage Applied
VIH e Min VIL e Max
IOZL
Off-State Output Current with Low
VCC e Max VO e 04V
b
40
m
A
Level Output Voltage Applied
VIH e Min VIL e Max
IOS
Short Circuit
VCC e Max
DM54
b
30
b
70
mA
Output Current
(Note 2)
DM74
b
30
b
70
ICC
Supply Current
VCC e Max (Note 3)
50
72
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time
Note 3
ICC is measured with all outputs open CLEAR grounded after a momentary connection to 45V N G1 G2 and all DATA inputs grounded and the CLOCK
input and M input at 45V
Note 4
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com