Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54191 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54191
Description  Synchronous Up/Down 4-Bit Binary Counter with Mode Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54191 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54191 Datasheet HTML 1Page - National Semiconductor (TI) 54191 Datasheet HTML 2Page - National Semiconductor (TI) 54191 Datasheet HTML 3Page - National Semiconductor (TI) 54191 Datasheet HTML 4Page - National Semiconductor (TI) 54191 Datasheet HTML 5Page - National Semiconductor (TI) 54191 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6562
June 1989
54191DM54191DM74191 Synchronous UpDown
4-Bit Binary Counter with Mode Control
General Description
This circuit is a synchronous reversible updown counter
The 191 is a 4-bit binary counter Synchronous operation is
provided by having all flip-flops clocked simultaneously so
that the outputs change simultaneously when so instructed
by the steering logic This mode of operation eliminates the
output counting spikes normally associated with asynchro-
nous (ripple clock) counters
The outputs of the four master-slave flip-flops are triggered
on a low-to-high level transition of the clock input if the
enable input is low A high at the enable input inhibits count-
ing Level changes at either the enable input or the down
up input should be made only when the clock input is high
The direction of the count is determined by the level of the
downup input When low the counter counts up and when
high it counts down
This counter is fully programmable that is the outputs may
be preset to either level by placing a low on the load input
and entering the desired data at the data inputs The output
will change independent of the level of the clock input This
feature allows the counters to be used as modulo-N dividers
by simply modifying the count length with the preset inputs
The clock downup and load inputs are buffered to lower
the drive requirement which significantly reduces the num-
ber of clock drivers etc required for long parallel words
Two outputs have been made available to perform the cas-
cading function ripple clock and maximumminimum count
The latter output produces a high-level output pulse with a
duration approximately equal to one complete cycle of the
clock when the counter overflows or underflows The ripple
clock output produces a low-level output pulse equal in
width to the low-level portion of the clock input when an
overflow or underflow condition exists The counters can be
easily cascaded by feeding the ripple clock output to the
enable input of the succeeding counter if parallel clocking is
used or to the clock input if parallel enabling is used The
maximumminimum count output can be used to accom-
plish look-ahead for high-speed operation
Features
Y
Single downup count control line
Y
Count enable control input
Y
Ripple clock output for cascading
Y
Asynchronously presettable with load control
Y
Parallel outputs
Y
Cascadable for n-bit applications
Y
Alternate MilitaryAerospace device (54191) is avail-
able Contact a National Semiconductor Sales Office
Distributor for specifications
Connection Diagram
Dual-In-Line Package
TLF6562 – 1
Order Number 54191DMQB 54191FMQB
DM54191J DM54191W or DM74191N
See NS Package Number J16A N16E or W16A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54191

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
541912 ALPHAWIRE-541912 Datasheet
100Kb / 4P
Customer Specification
8/29/2022
541912 ALPHAWIRE-541912 Datasheet
99Kb / 4P
Customer Specification
12/2/2022
541912 ALPHAWIRE-541912_V01 Datasheet
99Kb / 4P
Customer Specification
12/2/2022
More results

Similar Description - 54191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74AS169A FAIRCHILD-DM74AS169A Datasheet
61Kb / 6P
Synchronous 4-Bit Binary Up/Down Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
DM74LS191 FAIRCHILD-DM74LS191 Datasheet
72Kb / 6P
Synchronous 4-Bit Up/Down Counter with Mode Control
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Texas Instruments
74AC11191 TI-74AC11191 Datasheet
138Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com