Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DVC500 Datasheet(PDF) 1 Page - Powerbox

Part # DVC500
Description  D C / D C A U T O M O T I V E C O N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DVC500 Datasheet(HTML) 1 Page - Powerbox

  DVC500 Datasheet HTML 1Page - Powerbox DVC500 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DVC500 Series
D C / D C A U T O M O T I V E C O N V E R T E R
FEATURES
• 500W Automotive and Vehicle Converter
• Designed for use in rough environment
• Rugged construction / potted device
• Protection against unfavourable environmental conditions
• DC/DC wide range input
• Filtered against vehicle on-board disturbances
• Galvanic separation 1.5kV
• Design acc. to EN60950. EN50155. EN1175. ISO20898
• Regulated output
• Very high efficiency
• Short-circuit / No-load protection
• Over Temperature protection
• Parallel connectable (Option: Smart output characteristics)
SPECIFICATIONS
Doc. No. DVC500 Rev.D 25-11-15
www.powerbox.com.au - 1800 251 380
www.powerbox.co.nz - 0800 104 480
INPUT
Input voltage
36V, 48V, 72V, 96V, 110V
Input range
See selection table
Filtering
Filtering against on board disturbances
OUTPUT
Output voltage
12.5Vdc, 13.8Vdc, 24.3Vdc
Output Voltage Tolerance
+/- 1%
Output Current
See Selection Table
Current Limiting
Typically 1.1 x I nominal
Load Regulation
+/-0.5% (Typ 0.3% = 80mV) 10-90% load
Regulation time
<1 ms
Line regulation
±0.1%
Temperature drift
-25C to +70C <1%
Ripple & noise
100mVp-p
Efficiency
92% Typical
Parallel Operation
Unlimited, 100% redundancy
requires external diodes
ENVIRONMENT
Ambient temperature
-40°C to 75°C with derating,
Max baseplate temperature 100°C
Storage temperature
-40°C to 85°C
Humidity
100% relative humidity, dewing permitted.
Cooling
Natural convection / cooling
via contact to mounting surface.
STANDARDS & APPROVALS
Safety
EN60950, EN50155, EN1175, ISO20898
EMC
EN61204-3
PROTECTION
Protective degree
IP67 (not connector)
Reverse polarity Protection
External input fuse is blown.
Over temperature Protection
Protective shut down, self reset after cool down.
Insulation
Input to Output: 1.5kV
Input to Case: 1.5kV
Ouput to Case: 500V
Over voltage Protection
Protective shut down
Self reset after cool down.
Safety Note
If an external energy source (e.g battery) is
connected to the output of the converter, the
supply line (+pole)must be fused close by the
source. Recommended fusing: 1.1.. 1.2 x Inom
MECHANICAL
Connectors
Input: +Uin (M5) / -Uin(M8)
Output: +Uout (M6) / -Uout(M8)
Dimensions
222(220) x 166(122) x 71(47)mm
Weight
2.65Kg
Case Material
Aluminium


Similar Part No. - DVC500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
DVC5416PGE160IDWLD TI1-DVC5416PGE160IDWLD Datasheet
914Kb / 98P
Fixed-Point Digital Signal Processor
DVC5416PGE160TOOAN TI1-DVC5416PGE160TOOAN Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
DVC5416ZGU160IDWLD TI1-DVC5416ZGU160IDWLD Datasheet
881Kb / 98P
Fixed-Point Digital Signal Processor
DVC5416ZGU160IDWLD TI1-DVC5416ZGU160IDWLD Datasheet
914Kb / 98P
Fixed-Point Digital Signal Processor
More results

Similar Description - DVC500

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
352Kb / 18P
P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS401SD ETL-GS401SD Datasheet
168Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GDTL494 ETL-GDTL494 Datasheet
251Kb / 5P
V O L T A G E M O D E P W M C O N T R O L C II R C U II T
logo
Powerbox
DCM-VICHIP POWERBOX-DCM-VICHIP Datasheet
208Kb / 2P
D C / D C C O N V E R T E R M O D U L E
DVC251 POWERBOX-DVC251 Datasheet
220Kb / 2P
D C / D C A U T O M O T I V E C O N V E R T E R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com