Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST160A15-R7B Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # GST160A15-R7B
Description  160WAC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST160A15-R7B Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  GST160A15-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST160A15-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST160A15-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
GS 160
T
A series
File Name:GS 160-SPEC 2015-06-12
T
ORDER NO.
DC VOLTAGE
Note.2
SAFETY MODEL NO.
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GST160A15
GST160A15-R7B
GST160A12
GST160A12-R7B
GST160A20
GST160A20-R7B
GST160A24
GST160A24-R7B
GST160A48
GST160A48-R7B
15V
12V
20V
24V
48V
100mVp-p
80mVp-p
150mVp-p
180mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±3.0%
±3.0%
±1.0%
±1.0%
±1.0%
±5.0%
±3.0%
±3.0%
85 ~ 264VAC
120 ~ 370VDC
47 ~ 63Hz
12V/15V:PF>0.93 / 230VAC
20V,24V,48V:PF>0.94 / 230VAC
PF>0.98 / 115VAC at full load
91%
90%
93%
93%
94%
1.85A / 115VAC
1A / 230VAC
120A / 230VAC
0.75mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:100M Ohms / 500VDC / 25 / 70% RH
236.4K hrs min. MIL-HDBK-217F(25 )
-30 ~ +70
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-20 ~ +85
, 10 ~ 95% RH
±℃
0.03% /
(0~50
)
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
175*72*35mm (L*W*H)
0.66Kg; 20pcs/ 14.2Kg/ 1.06CUFT
CONNECTOR
PLUG
CABLE
See page 3 ; Other type available by customer requested
See page 3 ; Other type available by customer requested
1. All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2. DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4. Tolerance: includes set up tolerance, line regulation, load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Derating may be needed under low input voltage. Please check the derating curve for more details.
8.
The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
OVERLOAD
OVER VOLTAGE
105 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
105 ~ 135% rated output voltage
9.6A
11.5A
8A
6.67A
3.34A
0 ~ 9.6A
0 ~ 11.5A
0 ~ 8A
0 ~ 6.67A
0 ~ 3.34A
144W
138W
160W
160W
160W
Protection type : H
mode
iccup
@ 10%load
UL60950-1,CSA C22.2, TUV EN60950-1, BSMI CNS14336, CCC GB4943,
approved
PSE J60950-1
Compliance to EN55022 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B, GB9254, GB17625.1
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
2000ms, 50ms / 230VAC
2500ms, 50ms / 115VAC at full load
20ms / 230VAC
20ms / 115VAC at full load
OVER TEMPERATURE
Protection type : Shut down o/p voltage, re-power on to recover
±5.0%
±1.0%
±5.0%
±4.0%
±1.0%
±4.0%
EMC IMMUNITY
EMC EMISSION
160W AC-DC High Reliability Industrial Adaptor
I/P-O/P: 3KVAC I/P-FG: 2KVAC O/P-FG:SHORT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com