Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GST160A20-R7B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # GST160A20-R7B
Description  160WAC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST160A20-R7B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST160A20-R7B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST160A20-R7B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST160A20-R7B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
160W AC-DC High Reliability Industrial Adaptor
GS 160
T
A series
■ Features
■ Applications
■ Model Encoding
-
A12
GST
R7B
160
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage{
■ Description
File Name:GST120A-SPEC 2015-06-12
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Built-in active PFC function
No load power consumption<0.15W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
/ Over temperature
Fanless design with -30~+70 working temperature
Fully enclosed plastic case
LED indicator for power on
3 years warranty
GST160A is a highly reliable, 160W desktop style single-output green adaptor series. This product is a
class power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range
from 85VAC to 264VAC. The entire series supplies different models with output voltages ranging between
12VDC and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 94% and the extremely low no-load power consumption below 0.15W,GST160A is
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and Code
of Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when it is either
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case.GST160A is certified for the international safety regulations.
R7B: Plug for standard model,Power DIN 4Pin with lock type
DC plug type
Optional plug type available by customer requested


Similar Part No. - GST160A20-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST120A MEANWELL-GST120A Datasheet
101Kb / 3P
120W AC-DC High Reliability Industrial Adaptor
GST120A12-R7B MEANWELL-GST120A12-R7B Datasheet
101Kb / 3P
120W AC-DC High Reliability Industrial Adaptor
GST120A15-R7B MEANWELL-GST120A15-R7B Datasheet
101Kb / 3P
120W AC-DC High Reliability Industrial Adaptor
GST120A24-P1M MEANWELL-GST120A24-P1M Datasheet
101Kb / 3P
120W AC-DC High Reliability Industrial Adaptor
logo
Willow Technologies Ltd
GST1210 WILLOW-GST1210 Datasheet
924Kb / 2P
High Value Resistors radial leaded
More results

Similar Description - GST160A20-R7B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
25W AC-DC High Reliability Industrial Adaptor
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
36W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
280W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
360W AC-DC High Reliability Industrial Adaptor
2022-04-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com