Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3524A Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS3524A
Description  Voltage Mode PWM Control Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS3524A Datasheet(HTML) 3 Page - ON Semiconductor

  CS3524A Datasheet HTML 1Page - ON Semiconductor CS3524A Datasheet HTML 2Page - ON Semiconductor CS3524A Datasheet HTML 3Page - ON Semiconductor CS3524A Datasheet HTML 4Page - ON Semiconductor CS3524A Datasheet HTML 5Page - ON Semiconductor CS3524A Datasheet HTML 6Page - ON Semiconductor CS3524A Datasheet HTML 7Page - ON Semiconductor CS3524A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS3524A
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (0°C ≤ TA ≤ +70°C, VIN = VCC = 20 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Turn−On Characteristics
Input Voltage
Operating Range after Turn−On
8.0
−
40
V
Turn−On Threshold
−
5.5
7.5
8.5
V
Turn−On Current
VIN Turn−On − 100 mV
−
2.5
4.0
mA
Operating Current
VIN = 8.0 to 40 V
−
5.0
10
mA
Turn−On Hysteresis (Note 3)
−
−
0.6
−
V
Reference Section
Output Voltage
TA = 25°C
4.9
5.0
5.2
V
Line Regulation
VIN = 10 to 40 V
−
10
30
mV
Load Regulation
IL = 0 to 20 mA
−
20
50
mA
Temperature Stability (Note 3)
Over Operating Range
−
20
50
mV
Short Circuit Current
VREF = 0, TA = 25°C
−
80
100
mA
Output Noise Voltage (Note 3)
10 Hz ≤ f ≤ 10 kHz, TA = 25°C
−
40
−
μVRMS
Long Term Stability (Note 3)
TA = 125°C, 1000 Hrs.
−
20
50
mV
Oscillator Section
RT = 2700 W, CT = 0.01 mF; unless otherwise specified
Initial Accuracy
TA = 25°C
39
43
47
kHz
Temperature Stability (Note 3)
Over Operating Temperature Range
−
1.0
2.0
%
Minimum Frequency
RT = 150 kΩ, CT = 0.1 μF
−
−
120
Hz
Maximum Frequency
RT = 2.0 kΩ, CT = 470 pF
500
−
−
kHz
Output Amplitude (Note 3)
TA = 25°C
−
3.5
−
V
Output Pulse Width (Note 3)
TA = 25°C
−
0.5
−
μs
Ramp Peak
−
3.3
3.5
3.7
V
Ramp Valley
−
0.7
0.9
1.0
V
Error Amplifier Section
VCM = 2.5 V; unless otherwise specified
Input Offset Voltage
−
−
2.0
10
mV
Input Bias Current
−
−
1.0
10
μA
Input Offset Current
−
−
0.5
1.0
μA
Common Mode Rejection Ratio
VCM = 1.5 to 5.5 V
60
75
−
dB
Power Supply Rejection Ratio
VIN = 10 to 40 V
50
60
−
dB
Output Swing
Minimum Total Range
0.5
−
5.0
V
Open Loop Voltage Gain
ΔVOUT = 1.0 to 4.0 V, RL ≥ 10 MΩ
60
80
−
dB
Gain−Bandwidth (Note 3)
TA = 25°C, AV = 0 dB
−
3.0
−
MHz
Current Limit Amplifier
VSENSE = VO; unless otherwise specified
Input Offset Voltage
TA = 25°C, EA Set for Max. Output
180
200
220
mV
Input Offset Voltage
Over Operating Temperature Range
170
−
230
mV
Input Bias Current
−
−
−1.0
−10
μA
Common Mode Rejection Ratio
VSENSE = 0 to 15 V
50
60
−
dB
Power Supply Rejection Ratio
VIN = 10 to 40 V
50
60
−
dB
3. These parameters are guaranteed by design but not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com