Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1868 Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB1868
Description  2-phase Brushless Fan Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1868 Datasheet(HTML) 1 Page - ON Semiconductor

  LB1868 Datasheet HTML 1Page - ON Semiconductor LB1868 Datasheet HTML 2Page - ON Semiconductor LB1868 Datasheet HTML 3Page - ON Semiconductor LB1868 Datasheet HTML 4Page - ON Semiconductor LB1868 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
31109 MS 20080725-S00003 / 83100RM(KI) No.6202-1/5
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
LB1868
Overview
The LB1868 is a 2-phase unipolar brushless motor driver. With only a few peripheral parts, lockup protection and
automatic recovery can be implemented. The IC can be configured for 12V or 24V operation and a wide range of
variations, from Low speed to H-High speed and from 60cm to 120cm square using the same PCB. This makes it easy
to design highly reliable fan motor installations.
Features
• Output protection Zener diode with variable withstand voltage
Z1, Z2 pins open: VOLM = 57V (24V specification)
Z1, Z2 pins shorted: VOLM = 32V (12V specification)
External Zener diode connected across Z1
− VCC pins: support for fans with large drive current
• External resistor allows configuration for 12V or 24V
• Direct Hall element connection possible (built-in Hall amplifier with hysteresis supports core without auxiliary electrode)
• Built-in output transistor with 1.0A output current (strengthened negative-current support for core without auxiliary
electrode)
• Built-in rotation detection function: Low during rotation and High during stop
• Built-in lockup protection with automatic recovery
• Built-in thermal shutdown
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20ms
200
mA
Maximum applied output voltage
VOUT max
Internal
V
Maximum output current
IOUT max
1.0
A
Maximum current flowing into RD pin
IRD max
10
mA
Maximum RD applied voltage
VRD max
30
V
Allowable power dissipation
Pd max
1.1
W
Operating temperature
Topr
-30 to +95
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
2-phase Brushless
Fan Motor Driver
Ordering number : EN6202A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LB1868

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868 Datasheet
32Kb / 4P
Two-Phase Brushless Fan Motor Driver
LB1868 SANYO-LB1868 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
43Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1868M ONSEMI-LB1868M Datasheet
89Kb / 5P
Fan Motor Driver
May, 2013
More results

Similar Description - LB1868

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
Two-Phase Brushless Fan Motor Driver
LB1867M SANYO-LB1867M_09 Datasheet
86Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868 SANYO-LB1868_09 Datasheet
84Kb / 5P
2-phase Brushless Fan Motor Driver
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
2-phase Brushless Fan Motor Driver
logo
Rohm
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
3-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
2-phase Brushless Fan Motor Driver
May, 2013
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com