Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC75344MD Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC75344MD
Description  Two-Channel Electronic Volume Control System
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75344MD Datasheet(HTML) 2 Page - ON Semiconductor

  LC75344MD Datasheet HTML 1Page - ON Semiconductor LC75344MD Datasheet HTML 2Page - ON Semiconductor LC75344MD Datasheet HTML 3Page - ON Semiconductor LC75344MD Datasheet HTML 4Page - ON Semiconductor LC75344MD Datasheet HTML 5Page - ON Semiconductor LC75344MD Datasheet HTML 6Page - ON Semiconductor LC75344MD Datasheet HTML 7Page - ON Semiconductor LC75344MD Datasheet HTML 8Page - ON Semiconductor LC75344MD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LC75344MD
No.7332-2/13
Allowable Operating Ranges at Ta =
30 to +75C, VSS = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
VDD
4.5
10
V
High-level input voltage
VIH
CL, DI, CE
2.0
10
V
Low-level input voltage
VIL
CL, DI, CE
7.5 ≤ VDD ≤ 10
VSS
0.8
V
CL, DI, CE
4.5 ≤ VDD ≤ 7.5
VSS
0.3
V
Input voltage amplitude
VIN
LIN, RIN
VSS
VDD
Vp-p
Input pulse width
tøW
CL
1
s
Setup time
tsetup
CL, DI, CE
1
s
Hold time
thold
CL, DI, CE
1
s
Operating frequency
fopg
CL
500
kHz
Electrical Characterristics at Ta = 25
C, VDD = 9V, VSS = 0V
Parameter
Symbol
Pin Name
Conditions
Ratings
Unit
min
typ
max
Input resistance
Rin
LIN, RIN
50
k
Overall Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Total harmonic distortion
THD
VIN = 1 Vrms, f = 1 kHz
With all settings flat overall
0.002
0.01
%
VIN = 1 Vrms, f = 20 kHz
With all settings flat overall
0.003
%
Crosstalk
CT
VIN = 1 Vrms, f = 1 kHz, Rg = 1 k

With all settings flat overall
90
dB
Output noise voltage
VN
80 kHz L.P.F, Rg = 1 k

With all settings flat overall
6.0
V
Maximum attenuation
Vomin
VIN = 1 Vrms, f = 1 kHz
With all settings flat overall
92
dB
Current drain
IDD
VDD – VSS = +9 V
12
mA
High-level input current
IIH
CL, DI, CE: VIN = 10 V, VDD = 10 V
10
A
Low-level input current
IIL
CL, DI, CE: VIN = 0 V, VDD = 10 V
10
A
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com