Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC4004-D Datasheet(PDF) 1 Page - Powertip Technology

Part # PC4004-D
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PC4004-D Datasheet(HTML) 1 Page - Powertip Technology

  PC4004-D Datasheet HTML 1Page - Powertip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The tolerance unless classified
0.3mm
LCD option: STN, TN, FSTN
Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.
OUTLINE DIMENSION & BLOCK DIAGRAM
MECHANICAL SPECIFICATION
Overall Size
View Area
Dot Size
Dot Pitch
160.0 x 47.0
140.0 x 29.0
0.5 x 0.5
0.55 x 0.55
Module
W /O B/L
EL B/L
LED B/L
H2 / H1
4.8 / 9.5
Vdd+0.3
V
V
V
13
7
Item
Supply for logic voltage
LCD driving supply voltage
Input voltage
Vdd-Vss
Vdd-Vee
Vin
25oC
25oC
25oC
-0.3
-0.3
-0.3
Symbol
Condition
Min.
Max.
Units
ABSOLUTE MAXIMUM RATING
Item
LCD operation voltage
LCM current consumption (No B/L)
Backlight current consumption
Symbol
Min.
Condition
Vop
Idd
LED/edge VB/L=4.2V
LED/array
Top
-20oC
0oC
25oC
50oC
70oC
VB/L=4.2V
N
W
7.1
4.8
4.5
Vdd=5V
4.4
5.7
6.1
ELECTRICAL CHARACTERISTICS
Typical
N W
Max. Units
V
4.9
4.7
4.6
7.9
6.7
6.3
V
V
V
V
V
mA
mA
mA
7
N W
7.5
4.8
4.6
4.5
6
6.4
PIN ASSIGNMENT
Pin no.
Symbol
Function
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4
/
DB7
Data bus line
Vdd
Vo
RS
R/W
Power supply(GND)
Power supply(+)
Contrast Adjust
Register select signal
Data read / write
DB6
Data bus line
DB5
Data bus line
DB3
DB4
Data bus line
DB0
DB1
DB2
Data bus line
Data bus line
Data bus line
Data bus line
E1
Enable 1
E2
Enable 2
Vss
NC/Vee
NC/Negative voltage
17
18
A
Power supply for LED B/L (+)
K
Power supply for LED B/L ( )
Power supply voltage
Vdd-Vss
25oC
2.7
5.5
V
PC 4004-D
PC 4004-D
/
LCD
CONTROLLER
LSI1
LCD
CONTROLLER
LSI2
DB7
DB0
E1
R/W
RS
Vss
Vdd
Vo
VEE
E2
A
K
13
13
COM 16
COM 16
SEG 40
CONTROL SIGNALS 2 x 2
CONTROL SIGNALS 2 x 2
LCD PANEL
LED BACKLIGHT
SEGMENT DRIVER x 2
SEG 160
SEGMENT DRIVER x 2
SEG 40
NEGATIVE VOLTAGE GENERATER
SEG 160
0.55
0.05
2.7
3.3
1.6
H2
H1
4- 1.0
2.0
A
K
4- 2.5
4-R1.25
160.0 0.5
155.0 0.2
147.0
140.0 V/A
131.4 A/A
HOLE 18- 1.0
154.0
0.2
1.8
P2.54 x 17=43.18
18
14.38
3.0
1
2.5
6.5
3.5
4.3
+0.3
- 0.0


Similar Part No. - PC4004-D

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC4004-A POWERTIP-PC4004-A Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results

Similar Description - PC4004-D

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PC1202A POWERTIP-PC1202A Datasheet
82Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602-T POWERTIP-PC1602-T Datasheet
76Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC1602D POWERTIP-PC1602D Datasheet
53Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PC2002-B POWERTIP-PC2002-B Datasheet
78Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-A POWERTIP-PG12232-A Datasheet
85Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-C POWERTIP-PG12232-C Datasheet
86Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12232-E-33 POWERTIP-PG12232-E-33 Datasheet
51Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG12864-O POWERTIP-PG12864-O Datasheet
59Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG240160-B POWERTIP-PG240160-B Datasheet
89Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
PG320240-M POWERTIP-PG320240-M Datasheet
254Kb / 1P
OUTLINE DIMENSION & BLOCK DIAGRAM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com