Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSC04 Datasheet(PDF) 2 Page - Powerbox

Part # PSC04
Description  T E L E C O M R E C T I F I E R S Y S T E M S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PSC04 Datasheet(HTML) 2 Page - Powerbox

  PSC04 Datasheet HTML 1Page - Powerbox PSC04 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerbox.com.au
Doc. No. 1U Ultra Compact Rev.B 22-9-15
1U Ultra Compact System
P S C 0 4 S E R I E S - T E L E C O M R E C T I F I E R S Y S T E M S
TECHNICAL ILLUSTRATIONS
SELECTION TABLE
MODEL NUMBER
MAX RECTIFIERS
MAX SHELF POWER
STANDARD DC DISTRIBUTION
PSC04 V1
2
24, 48 or 60VDC
4.0kW
Positive or negative earth
1 x load circuit breaker (6-63A)
1 x battery circuit breaker (max 63A)
80A Magnetically latching battery LVD
PSC04 V2
2
24, 48 or 60VDC
4.0kW
Positive or negative earth
3 x load circuit breaker (2-30A)
2 x battery circuit breaker (max 30A)
80A Magnetically latching battery LVD
*System part numbers are dependent on configuration options. For final system part numbers consult our sales staff for configuration advice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com