Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Phoenix24/180 Datasheet(PDF) 2 Page - Powerbox

Part # Phoenix24/180
Description  D C / A C S I N EWA V E I N V E R T E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

Phoenix24/180 Datasheet(HTML) 2 Page - Powerbox

  Phoenix24/180 Datasheet HTML 1Page - Powerbox Phoenix24/180 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress
Phoenix Series
D C / A C S I N E W A V E I N V E R T E R
Doc. No. Phoenix Rev.C 20-01-16
SELECTION TABLE
TECHNICAL ILLUSTRATIONS
MODEL
NUMBER
DC INPUT
RANGE
ZERO LOAD
INPUT POWER
CONSTANT
OUTPUT POWER
CONSTANT POWER
AT 40°C
PEAK
POWER
Phoenix 12/180
10.5 - 15.5V
2.6W
180VA
150W
350W
Phoenix 12/350
10.5 - 15.5V
3.1W
350VA
250W
700W
Phoenix 12/800
9.2 - 17.3V
6W
800VA
650W
1600W
Phoenix 12/1200
9.2 - 17.3V
6W
1200VA
900W
2400W
Phoenix 24/180
21 - 31V
3.8W
180VA
150W
350W
Phoenix 24/350
21 - 31V
5W
350VA
250W
700W
Phoenix 24/800
18.4 - 34V
5W
800VA
650W
1600W
Phoenix 24/1200
18.4 - 34V
5W
1200VA
900W
2400W
Phoenix 48/350
42 - 62V
6W
350VA
250W
700W
Phoenix 48/800
36.8 - 68V
4W
800VA
650W
1600W
Phoenix 48/1200
36.8 - 68V
6W
1200VA
900W
2400W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com