Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM848 Datasheet(PDF) 1 Page - Powerbox

Part # RM848
Description  8 0 0 WAT T S C O M M U N I C AT I O N S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

RM848 Datasheet(HTML) 1 Page - Powerbox

  RM848 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Doc. No. PBRC Rev.H 18-2-2014
19
RM848 Series Modular Rectifier
800 W A TTS COMMUNICA TIONS
FEATURES
•
Forced cooled
•
Modular for hot swap system
•
Thermally protected
•
Power factor corrected
•
Input /output voltage & current protected
•
Serial alarm & control interface
•
Microprocessor controlled
ISOLATION
Input to output
4000V DC
Input to chassis
3500V DC (VDR to chassis removed)
Output to chassis
2100V DC
ENVIRONMENT
Ambient temperature
Nominal
+25 +/- 5ºC
Range
-20ºC to +70ºC (maximum output power
derated above +50ºC)
Storage temperature
-20 to +70ºC
Humidity
0-98% RH (non-condensing)
Altitude
<3000m, De-rate maximum ambient
temperature by 4ºC per 1000m above sea level
MECHANICAL
Dimensions
W 55mm x H 44mm x D 235mm
Weight
800g
Cooling
Forced cooled
COMPLIANCES
Safety
EN 60950-1:2006
Electromagnetic
compatibility (EMC)
requirements
ETSI EN 300 386 V1.4.1 (2004-04)
RF emissions
CISPR 24, EN 61000-4-2, EN 61000-4-3, EN
61000-4-4 EN 61000-4-5, EN 61000-4-6, EN
61000-4-11
AC harmonics
EN 61000-3-2
AC flicker and fluctuation EN 61000-3-3
Other
CE & RoHS 2002/95/EC
AC INPUT
Nominal
230VAC
Voltage range
90-300V (reduced power below 175V)
Frequency range
45-65 Hz
Power factor
>0.99
Peak efficiency
93%
Input fuses
HRC fuses in phase and neutral
Maximum input current
5.5A
PROTECTION
Protection
Adjustable to 50-100% of maximum rated
current
Over temperature
Automatic current turndown, backup shutdown
protection
Voltage
Auto shutdown, auto restart when correct
voltage restored
Inrush
<2x maximum input current
DC OUTPUT
Output ratings
Constant power output from 54V to 58V
Nominal voltage
48V
Rated voltage
58V
Voltage range
43-60V
Maximum current
16.6A
REGULATION
Line
±0.1%
Load
±0.5% (no load to full load)
Hold-up time
>7ms for 20% output voltage drop
Start-up time
Start up delay 1 second. (varies with AC supply
voltage)
Walk-in delay 6 seconds at full output. (varies
with DC output)
Polarity reversal
Output fuse in positive with crowbar diode
Over voltage
Adjustable limit (under nominal conditions)
NOISE
Ripple <100H
<1mV rms unweighted
Voice band 100Hz-5KHz
<2mV rms psophometric
Wide band 5kHz-1MHz
<5mV rms unweighted
Peak to peak 0-20MHz
<50mV peak to peak
MODEL
VOLTAGE
RANGE
MAXIMUM
CURRENT
WATTS
RM848
48V (43-60V)
16.6A
800
RM848 SERIES RECTIFIER MODULE
SPECIFICATIONS


Similar Part No. - RM848

ManufacturerPart #DatasheetDescription
logo
Altech corporation
RM84 ALTECH-RM84 Datasheet
1Mb / 8P
Miniature Electromagnetic Relays
RM84-2012 ALTECH-RM84-2012 Datasheet
1Mb / 8P
Miniature Electromagnetic Relays
logo
DFI Inc
RM840 DFI-RM840 Datasheet
528Kb / 2P
Rackmount Chassis for EATX
RM840-PR810 DFI-RM840-PR810 Datasheet
762Kb / 4P
1st/2nd Gen Intel® Xeon® Rackmount System
RM840-PR810-C222IR DFI-RM840-PR810-C222IR Datasheet
762Kb / 4P
1st/2nd Gen Intel® Xeon® Rackmount System
More results

Similar Description - RM848

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBB2C POWERBOX-PBB2C Datasheet
427Kb / 4P
1 0 - 1 5 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB10C POWERBOX-PBB10C Datasheet
297Kb / 3P
6 0 0 - 1 0 0 0 WAT T S - A C / D C S I N G L E O U T P U T
PBB13C POWERBOX-PBB13C Datasheet
195Kb / 4P
7 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
CHB-W POWERBOX-CHB-W Datasheet
215Kb / 2P
5 0 - 2 0 0 WAT T S - D C / D C S I N G L E O U T P U T
PBBA-CM POWERBOX-PBBA-CM Datasheet
121Kb / 1P
C H A S S I S M O U N T
PSC-AC POWERBOX-PSC-AC Datasheet
246Kb / 3P
1 0 0 - 2 4 0 WAT T S A C / D C S I N G L E M U LT I O U T P U T
PU500 POWERBOX-PU500 Datasheet
243Kb / 3P
4 0 0 - 5 0 0 WAT T S D C / D C I N D U S T R I A L C O N V E R T E R
VI-200MEGA POWERBOX-VI-200MEGA Datasheet
164Kb / 1P
5 0 - 6 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T S I N G L E - M U LT I P L E O U T P U T
VI-J00MEGA POWERBOX-VI-J00MEGA Datasheet
168Kb / 1P
2 5 - 3 0 0 WAT T S - D C / D C C O N V E R T E R C H A S S I S M O U N T - S I N G L E - M U LT I P L E O U T P U T
PBCBAT POWERBOX-PBCBAT Datasheet
135Kb / 2P
1 5 0 - 3 0 0 WAT T S - A C / D C S I N G L E O U T P U T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com