Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SkyllaTG24/503-Phase Datasheet(PDF) 2 Page - Powerbox

Part # SkyllaTG24/503-Phase
Description  T H R E E S T E P B AT T E R Y C H A R G E R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SkyllaTG24/503-Phase Datasheet(HTML) 2 Page - Powerbox

  SkyllaTG24/503-Phase Datasheet HTML 1Page - Powerbox SkyllaTG24/503-Phase Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. Skylla Rev.B 23-11-15
Skylla TG Series
T H R E E S T E P B A T T E R Y C H A R G E R
SELECTION TABLE
MODEL NUMBER
ABSORPTION
CHARGE VOLTAGE
FLOAT CHARGE
VOLTAGE
OUTPUT CURRENT
BATTERY
CONNECTION
RECOMMENDED
BATTERY SIZE
Skylla TG 24/30
28.5V
26.5V
30A
M8 Studs
150-500Ah
Skylla TG 24/50
28.5V
26.5V
50A
M8 Studs
150-500Ah
Skylla TG 24/50 3-Phase
28.5V
26.5V
50A
M8 Studs
250-500Ah
Skylla TG 24/80
28.5V
26.5V
80A
M8 Studs
400-800Ah
Skylla TG 24/100
28.5V
26.5V
100A
M8 Studs
500-1000Ah
Skylla TG 24/100 3-Phase 28.55V
26.5V
100A
M8 Studs
500-1000Ah
Skylla TG 48/25
57V
53V
25A
M8 Studs
125-250Ah
Skylla TG 48/50
57V
53V
50A
M8 Studs
250-500Ah
TECHNICAL ILLUSTRATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com