Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPPL-RO-8F-EBX-IDFF Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPPL-RO-8F-EBX-IDFF
Description  Simplex LC Connector, Bi-directional
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPL-RO-8F-EBX-IDFF Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPPL-RO-8F-EBX-IDFF Datasheet HTML 1Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 2Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 3Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 4Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 5Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 6Page - Source Photonics, Inc. SPPL-RO-8F-EBX-IDFF Datasheet HTML 7Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Datasheet Preliminary Datasheet
DS-7749
Rev 00 2014-06-05
Preliminary Datasheet
SPPL-RO-8F-EBX-IDFF
LOS Deassert
LOSD
-
-
-16
dBm
LOS Hysteresis
LOSH
0.5
-
-
dB
Return Loss
RL
12
-
-
dB
Notes:
1.
The optical power is launched into SMF.
2.
Measured with a PRBS 2
7-1 test pattern @6.144Gbps.
3.
Measured with a PRBS 2
7-1 test pattern @6.144Gbps, BER≤10-12.
Electrical Characteristics
Table 5 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Differential Data Input Amplitude
VIN,P-P
180
-
700
mVpp
Input Differential Impedance
ZIN
85
100
115
Ω
Tx_Fault
Normal Operation
VOL
-0.3
-
0.4
V
Transmitter Fault
VOH
2.4
-
VCC
V
Tx_Disable
Normal Operation
VIL
-0.3
-
0.8
V
Laser Disable
VIH
2.0
-
VCC+0.3
V
Receiver
Differential Data Output Amplitude
VOUT,P-P
300
-
850
mVpp
Output Differential Impedance
ZO
80
100
120
Ω
Rx_LOS
Normal Operation
VOL
-0.3
-
0.4
V
Lose Signal
VOH
2.4
-
VCC
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com