Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XP-MR-01-IDFG Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # XP-MR-01-IDFG
Description  2-wire interface with integrated Digital Diagnostic monitoring
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

XP-MR-01-IDFG Datasheet(HTML) 1 Page - Source Photonics, Inc.

  XP-MR-01-IDFG Datasheet HTML 1Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 2Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 3Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 4Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 5Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 6Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 7Page - Source Photonics, Inc. XP-MR-01-IDFG Datasheet HTML 8Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS-7292
Rev 01
2013-04-12
Datasheet
XP-MR-01-IDFG
Features
XFP MSA Rev 4.5 compliant
Support multi-rate from 9.95G to 11.3G
Up to 10km transmission on SMF
1310nm DFB and PIN receiver
XFI high speed electrical interface
2-wire interface with integrated Digital Diagnostic monitoring
XFP MSA package with duplex LC connector
+3.3V power supply
Power consumption less than 2.5 W
Operating case temperature: -40~+85°C
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class
1(>1000V
for
SFI
pins, >2000V for other pins.)
Electrostatic Discharge (ESD) to the
Duplex LC Receptacle
IEC 61000-4-2
GR-1089-CORE
Compatible with standards
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class I laser
product.
RoHS
2011/65/EU
Compliant with standards


Similar Part No. - XP-MR-01-IDFG

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XP-MR-01-CDFG SOURCE-XP-MR-01-CDFG Datasheet
441Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
More results

Similar Description - XP-MR-01-IDFG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
Mixed Signal with 2-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
Source Photonics, Inc.
SP-GB-EX-CDFC SOURCE-SP-GB-EX-CDFC Datasheet
231Kb / 9P
Digital diagnostic monitor interface Compatible with SFF-8472
XP-MR-01-CDFG SOURCE-XP-MR-01-CDFG Datasheet
441Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-04-IDFB SOURCE-XP-MR-04-IDFB Datasheet
397Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
XP-MR-08-CDFB SOURCE-XP-MR-08-CDFB Datasheet
468Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-CDFA SOURCE-XP-XE-04-CDFA Datasheet
248Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
XP-XE-04-IDFA SOURCE-XP-XE-04-IDFA Datasheet
248Kb / 8P
2-wire interface with integrated Digital Diagnostic monitoring
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75_V01 Datasheet
1Mb / 13P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com