Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11668MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB11668MC
Description  Two-Phase Half-Wave Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11668MC Datasheet(HTML) 2 Page - ON Semiconductor

  LB11668MC Datasheet HTML 1Page - ON Semiconductor LB11668MC Datasheet HTML 2Page - ON Semiconductor LB11668MC Datasheet HTML 3Page - ON Semiconductor LB11668MC Datasheet HTML 4Page - ON Semiconductor LB11668MC Datasheet HTML 5Page - ON Semiconductor LB11668MC Datasheet HTML 6Page - ON Semiconductor LB11668MC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LB11668MC
No.A2142-2/7
Recommended Operating Conditions
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Inflow current range
IIN1
5 to 25
mA
Common-mode input voltage range
VCOM
0.2 to VIN -2.3
V
Electrical Characteristics
at Ta = 25
°C, VCC = 24V, R1 = 1kΩ, unless otherwise specified.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
VIN voltage
VIN
IIN = 6mA
6.9
7.2
7.6
V
CT capacitor charging current
ICT1
CT = 0V
0.8
1.2
2.0
μA
Capacitor discharging current
ICT2
CT = 6.0V
0.12
0.24
0.4
μA
Capacitor charging/
discharging current ratio
RCT
RCT = ICT1 / ICT2
4.0
5.0
7.0
CT charging voltage
VCTH
VCT/VIN
66
70
74
%
CT discharging voltage
VCTL
VCT/VIN
36
40
44
%
Output limit withstand voltage
VOLM
IO = 10mA
50
53
56
V
Output saturation voltage
VOL1
IO = 200mA
0.85
1.1
V
Hall input sensitivity
VHN
Including offset and hysteresis
8
18
mV
RD output saturation voltage
VRD
IRD = 5mA
0.2
0.5
V
RD output leak current
IRD
VRD = 14V
0.1
10
μA
Thermal protection function
operating temperature
VTH
Design target value *
150
180
210
°C
* "Design" is a design target and is not measured.
Package Dimensions
unit : mm (typ)
3426A
SANYO : SOIC10
4.9
6
10
5
1
0.21
0.41
1.0
0
0.2
0.6
0.4
0.8
0.39
1.0
--30
0
90
60
30
120
Pd max -- Ta
Ambient temperature, Ta --
°C
Mounted on the specified board: 114.3×76.1×1.6mm3
glass epoxy



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com