Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATX0200 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATX0200
Description  specification describes the requirements of 300W,350W,400W,450W,500W, 550W,600W active P.F.C Switching Power Supply
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATX0200 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATX0200 Datasheet HTML 3Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATX0200 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Enhance Electronics Co.,LTD
________________________________________________________________________________________________________
Product Specification
4. TIMING
4.1 Signal timing drawing
Figure 4 is a reference for signal timing for main power connector signals and rails.
Figure 4. PS-OK Timing Sequence
(1)T2: Rise time (0.1ms~20ms)
(2)T3: Power good turn on delay time (100ms~500ms)
(3)T4: Power good turn off delay time (1ms min)
(4)T5: Rise time (10ms max)
4.2 .Output Transient Response
Table 13. summarizes the expected output transient step sizes for each output. The transient load slew rate
is =1.0A/us.
Table 13. DC Output Transient Step Sizes
Max.step size
Max.step size
Output
(% of rated output amps per Sec 3.2.3)
(1)
(amps)
+12 V1DC
40%
+12 V2DC
60%
+5 VDC
30%
+3.3 VDC
30%
-12 VDC
0.1A
+5 VSB
0.5A
'(1) For example,for a rated +5 VDC output of 18A,the transient step would be 30% x 18A=5.4A
Output voltages should remin within the remain within the regulation limits of Section 2.1,and the power
supply should stable when subjected to load transients per Table 13. from any steady
state load,including any or all of the following conditions:
* Simultaneous load steps on the +12 VDC,+5 VDC,and +3.3 VDC outputs
(all steps occurring in the same direction)
* Load-changing repetition rate of 50 Hz to 10 kHz
* AC input range per Section 1.0
*+5vsb Loading min 0.1A
4.3 Hold up time (T6 of figure 4.)
When the power loss its input power, The output shall maintain 16ms in regulation ranges
at nominal input voltage. (AC:115V/60Hz or 230V/50Hz/90% load)
When the power loss its input power, The output shall maintain 13ms in regulation ranges
at nominal input voltage. (AC:115V/60Hz or 230V/50Hz/90% load)
When the power loss its input power, The output shall maintain 10ms in regulation ranges
at nominal input voltage. (AC:115V/60Hz or 230V/50Hz/90% load)
300W~500W
550W
600W
AUDIT:_________李復新____________CHECK:____________________DESIGN:____ 邢小燕_____________
ATX0200(80PLUS).SPEC
REV:30
8 OF 11
2010/04/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com